Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5941 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5941
Description  IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5941 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5941 Datasheet HTML 1Page - Maxim Integrated Products MAX5941 Datasheet HTML 2Page - Maxim Integrated Products MAX5941 Datasheet HTML 3Page - Maxim Integrated Products MAX5941 Datasheet HTML 4Page - Maxim Integrated Products MAX5941 Datasheet HTML 5Page - Maxim Integrated Products MAX5941 Datasheet HTML 6Page - Maxim Integrated Products MAX5941 Datasheet HTML 7Page - Maxim Integrated Products MAX5941 Datasheet HTML 8Page - Maxim Integrated Products MAX5941 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
IEEE 802.3af-Compliant Power-Over-Ethernet
Interface/PWM Controller for Power Devices
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
UVLO External Reference Voltage
Hysteresis
HYST
Ratio to VREF,UVLO
19.2
20
20.9
%
UVLO Bias Current
IUVLO
UVLO = 2.460V
-1.5
+1.5
µA
UVLO Input Ground Sense
Threshold
VTH,G,UVLO (Note 8)
50
440
mV
UVLO Input Ground Sense Glitch
Rejection
UVLO = VEE
7µs
Power Turn-Off Voltage,
Undervoltage Lockout Deglitch
Time
tOFF_DLY
VIN, VUVLO falling (Note 9)
0.32
ms
TA = +25°C
(Note 11)
0.6
1.1
Isolation Switch N-Channel
MOSFET On-Resistance
RON
Output current =
300mA, VGATE = 5.6V,
measured between
OUT and VEE
TA = +85°C
0.8
1.5
Isolation Switch N-Channel
MOSFET Off-Threshold Voltage
VGSTH
OUT = GND, VGATE - VEE, output current
< 1µA
0.5
V
GATE Pulldown Switch Resistance
RG
Power-off mode, VIN = 12V, UVLO = VEE
38
80
GATE Charging Current
IG
VGATE = 2V
5
10
15
µA
GATE High Voltage
VGATE
IGATE = 1µA
5.58
5.76
5.93
V
VOUT - VEE, |VOUT - VEE| decreasing,
VGATE = 5.75V
1.15
1.23
1.31
V
PGOOD, PGOOD Assertion VOUT
Threshold
VOUTEN
Hysteresis
70
mV
(GATE - VEE) increasing, OUT = VEE
4.62
4.76
4.91
V
PGOOD, PGOOD Assertion VGATE
Threshold
VGSEN
Hysteresis
80
mV
PGOOD Output Low Voltage
ISINK = 2mA (Note 10)
0.4
V
PGOOD Output Low Voltage
VOLDCDC
ISINK = 2mA, OUT ≤ (GND - 5V) (Note 10)
0.2
V
PGOOD Leakage Current
GATE = high, GND - VOUT = 67V (Note 10)
1
µA
PGOOD Leakage Current
GATE = VEE, PGOOD - VEE = 67V (Note 10)
1
µA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = (GND - VEE) = 48V, GATE = PGOOD = PGOOD = OPEN, V- tied to OUT, V+ tied to GND, UVLO = VEE, TA = TMIN to +TMAX,
unless otherwise noted. Typical values are at TA = +25
°C. All voltages are referenced to VEE, unless otherwise noted.) (Note 1)
ELECTRICAL CHARACTERISTICS (PWM Controller)
(All voltages referenced to V-. VDD = 13V, a 10µF capacitor connects VCC to V-, VCS = V-, V+ = 48V, 0.1µF capacitor connected to
SS_SHDN, NDRV = open circuit, OPTO = V-, TA = TMIN to +TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SUPPLY CURRENT
IV+(NS)
VDD = 0V, V+ = 67V, driver not switching
0.85
1.3
V+ Supply Current
IV+(S)
V+ = 67V, VDD = 0V, VOPTO = 4V, driver
switching
1.4
2.6
mA
V+ Supply Current After Startup
V+ = 67V, VDD = 13V, VOPTO = 4V
11
µA
IVDD(NS)
VDD = 36V, driver not switching
0.9
1.3
VDD Supply Current
IVDD(S)
VDD = 36V, driver switching, VOPTO = 4V
1.9
2.7
mA


Similar Part No. - MAX5941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5941ACSE MAXIM-MAX5941ACSE Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5941AESE MAXIM-MAX5941AESE Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5941B MAXIM-MAX5941B Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
More results

Similar Description - MAX5941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5941A MAXIM-MAX5941A_06 Datasheet
372Kb / 24P
   IEEE 802.3af-Compliant Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 4; 6/06
MAX5942A MAXIM-MAX5942A Datasheet
465Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
Rev 0; 10/03
MAX5942A MAXIM-MAX5942A_V01 Datasheet
461Kb / 24P
   IEEE 802.3af Power-Over-Ethernet Interface/PWM Controller for Power Devices
2004
MAX5940 MAXIM-MAX5940 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
19-2991; Rev 2; 2/06
MAX5940 MAXIM-MAX5940_06 Datasheet
248Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 2; 2/06
MAX5940A MAXIM-MAX5940A Datasheet
295Kb / 15P
   IEEE 802.3af PD Interface Controller For Power-Over-Ethernet
Rev 0; 10/03
logo
Linear Technology
LTC4257 LINER-LTC4257 Datasheet
263Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
LTC4257 LINER-LTC4257_15 Datasheet
269Kb / 20P
   IEEE 802.3af PD Power over Ethernet Interface Controller
logo
Texas Instruments
TPS2370 TI-TPS2370 Datasheet
212Kb / 13P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
TPS2370 TI1-TPS2370_16 Datasheet
1Mb / 19P
[Old version datasheet]   IEEE 802.3af POWER INTERFACE SWITCH FOR POWER OVER ETHERNET(PoE) POWERED DEVICES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com