Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6018AEUR12-T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6018AEUR12-T
Description  Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6018AEUR12-T Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6018AEUR12-T Datasheet HTML 1Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 2Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 3Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 4Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 5Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 6Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 7Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 8Page - Maxim Integrated Products MAX6018AEUR12-T Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Precision, Micropower, 1.8V Supply,
Low-Dropout, SOT23 Voltage Reference
0
20
10
50
40
30
80
70
60
90
1
100
10
1k
10k
100k
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
2.90
3.05
3.00
2.95
3.10
3.15
3.20
3.25
3.30
3.35
3.40
13
2
456
SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAX6018_12
MAX6018_16
MAX6018_18
MAX6018_21
0.01
1
0.1
10
100
1k
10k
100k
0.01
1
0.1
10
100
1k
10k
OUTPUT IMPEDANCE vs. FREQUENCY
FREQUENCY (Hz)
2.0
2.4
2.2
3.0
2.8
2.6
3.6
3.4
3.2
3.8
4.0
-50
0
-25
25
50
75
100
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VIN = 2.25V
VIN = 5.5V
VIN = 3V
20
µV/div
MAX6018_21
0.1Hz TO 10Hz OUTPUT NOISE
10s/div
MAX6018_12
TURN-ON TRANSIENT
VOUT
500mV/div
VIN
1V/div
100
µs/div
COUT = 5nF
VIN
1V/div
VOUT
1V/div
MAX6018_21
TURN-ON TRANSIENT
50
µs/div
COUT = 5nF
VIN
1V/div
VOUT
1V/div
MAX6018_21
TURN-OFF TRANSIENT
2ms/div
COUT = 5nF
MAX6018_12
LOAD-TRANSIENT RESPONSE
MAX6018 toc18
VOUT
500mV/div
IOUT
500
µA/div
-300
µA
+1mA
100
µs/div
COUT = 150pF
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
_______________________________________________________________________________________
7


Similar Part No. - MAX6018AEUR12-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018AEUR12+T MAXIM-MAX6018AEUR12+T Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results

Similar Description - MAX6018AEUR12-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com