Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX603CPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX603CPA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX603CPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX603CPA Datasheet HTML 1Page - Maxim Integrated Products MAX603CPA Datasheet HTML 2Page - Maxim Integrated Products MAX603CPA Datasheet HTML 3Page - Maxim Integrated Products MAX603CPA Datasheet HTML 4Page - Maxim Integrated Products MAX603CPA Datasheet HTML 5Page - Maxim Integrated Products MAX603CPA Datasheet HTML 6Page - Maxim Integrated Products MAX603CPA Datasheet HTML 7Page - Maxim Integrated Products MAX603CPA Datasheet HTML 8Page - Maxim Integrated Products MAX603CPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Note 1: Electrical specifications are measured by pulse testing and are guaranteed for a junction temperature (TJ) equal to the
operating temperature range. C and E grade parts may be operated up to a TJ of +125°. Expect performance similar to
M grade specifications. For TJ between +125°C and +150°C, the output voltage may drift more.
Note 2: (VIN - VOUT) is limited to keep the product (IOUT x (VIN - VOUT)) from exceeding the package power dissipation limits.
Note 3: Dropout Voltage is (VIN - VOUT) when VOUT falls to 100mV below its nominal value at VIN = VOUT + 2V. For example, the
MAX603 is tested by measuring the VOUT at VIN = 7V, then VIN is lowered until VOUT falls 100mV below the measured value.
The difference (VIN - VOUT) is then measured and defined as ∆VDO.
Note 4: Foldback Current Limit was characterized by pulse testing to remain below the maximum junction temperature.
Note 5: The Reverse-Current Protection Threshold is the output/input differential voltage (VOUT - VIN) at which reverse-current
protection switchover occurs and the pass transistor is turned off.
Note 6: Noise is tested using a bandpass amplifier with two poles at 10Hz and two poles at 10kHz.
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 500mA Linear Regulators
_______________________________________________________________________________________
3
VOUT = 3.0V
VOUT = 4.5V
VIN = 11.5V, VOUT = 2V,
SET = OUT
VIN = 0V, VOUT = 4.5V (MAX603)
VOUT = 3.0V (MAX604)
µVRMS
250
en
Output Noise (Note 6)
nA
±0.01
±10
IOFF
OFF Input Leakage Current
4.0
VIH OFF
OFF Threshold Voltage
3.0
2.0
V
0.4
20
IOUT LKG
OUT Leakage Current
6
µA
0.01
2
nA
±0.01
±10
ISET
SET Input Leakage Current
V
1.16
1.20
1.24
VSET
SET Reference Voltage
150
80
VSET TH
Dual-Mode SET Threshold
µA
0.01
10
620
∆VRTH
mV
620
Reverse-Current Protection
Threshold (Note 5)
mV
80
30
tSTART
%VOUT
2
VOSH
Start-Up Overshoot
20
100
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
10Hz to 10kHz, SET = OUT, RL = 1kΩ,
COUT = 10µF
V OFF = VIN or GND
MAX60_C
On, SET = OUT, VIN = 11.5V
On, SET = OUT, VIN = 6V
MAX604
On, SET = OUT, VIN = 4V
MAX603
Off
MAX60_M
MAX60_E
For internal feedback
VIN = 9V, RL = 18Ω, V OFF switched from
0V to VIN, time from 0% to 95% of VOUT
MAX60_C
VSET = 1.5V or 0V
RL = 1kΩ, COUT = 10µF, OFF rise time ≤ 1µs
MAX60_E
MAX60_M
SET = OUT, RL = 1kΩ
For external feedback
CONDITIONS
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 6V (MAX603) or 4.3V (MAX604), CIN = COUT = 10µF, OFF = VIN, SET = GND, TJ = TMIN to TMAX, unless otherwise noted.
Typical values are at TJ = +25°C.) (Note 1)
VIL OFF
Reverse Leakage Current
IRVL
µs
200
Time Required to Exit Shutdown


Similar Part No. - MAX603CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603CPA MAXIM-MAX603CPA Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
More results

Similar Description - MAX603CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
MAX882 MAXIM-MAX882 Datasheet
136Kb / 16P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com