Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX606 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX606
Description  Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX606 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX606 Datasheet HTML 1Page - Maxim Integrated Products MAX606 Datasheet HTML 2Page - Maxim Integrated Products MAX606 Datasheet HTML 3Page - Maxim Integrated Products MAX606 Datasheet HTML 4Page - Maxim Integrated Products MAX606 Datasheet HTML 5Page - Maxim Integrated Products MAX606 Datasheet HTML 6Page - Maxim Integrated Products MAX606 Datasheet HTML 7Page - Maxim Integrated Products MAX606 Datasheet HTML 8Page - Maxim Integrated Products MAX606 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Profile, 5V/12V or Adjustable, Step-Up
DC-DC Converters for Flash Memory/PCMCIA Cards
4
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
0
200
100
400
300
600
500
700
2.0
3.0
3.5
2.5
4.0
4.5
5.0
5.5
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAX606 (VOUT = 5V)
MAX607 (VOUT = 5V)
MAX606 (VOUT = 12V)
MAX607 (VOUT = 12V)
0
0.01
1
100
1000
0.1
10
MAX606
EFFICIENCY vs. OUTPUT CURRENT
20
OUTPUT CURRENT (mA)
40
60
80
10
30
50
70
100
90
A: VOUT = 12V, VIN = 3.3V
B: VOUT = 5V, VIN = 3.3V
C: VOUT = 12V, VIN = 5V
D: VOUT = 5V, VIN = 5V
CIN = 2 x 1µF
COUT = 4.7µF
A
C
B
D
0
0.01
1
100
1000
0.1
10
MAX607
EFFICIENCY vs. OUTPUT CURRENT
20
OUTPUT CURRENT (mA)
40
60
80
10
30
50
70
100
90
A: VOUT = 12V, VIN = 3.3V
B: VOUT = 5V, VIN = 3.3V
C: VOUT = 12V, VIN = 5V
D: VOUT = 5V, VIN = 5V
CIN = 2 x 1µF
COUT = 4.7µF
D
B
A
C
0
-40
SHUTDOWN QUIESCENT CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-20
0
20
40
60
80
FOR VIN = 3V, 3.3V, AND 5V
5 MINUTE WAIT BEFORE MEASUREMENT
0
2.5
SWITCH ON-TIME vs.
INPUT VOLTAGE
INPUT VOLTAGE (V)
500
1000
1500
2000
2500
3000
3.5
4.5
5.5
3.0
4.0
5.0
MAX607
MAX606
0
2
SWITCH OFF-TIME vs.
OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
500
1000
1500
2000
2500
3000
3500
4000
468
10
3
5
7
9
11
12
A: MAX607, VIN = 5V
B: MAX606, VIN = 5V
C: MAX607, VIN = 3.3V
D: MAX606, VIN = 3V
A
B
C
D
10,000
100
-40
-20
0
20
40
60
80
MAX607
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (˚C)
1000
D
B
A
A: VOUT = 12V, MBR0520 DIODE
B: VOUT = 12V, MBR0540 DIODE
C: VOUT = 5V, MBR0520 DIODE
D: VOUT = 5V, MBR0540 DIODE
C
VIN = 3.3V
10,000
100
-40
-20
0
20
40
60
80
MAX606
NO-LOAD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (˚C)
1000
D
B
A
A: VOUT = 12V, MBR0520 DIODE
B: VOUT = 12V, MBR0540 DIODE
C: VOUT = 5V, MBR0520 DIODE
D: VOUT = 5V, MBR0540 DIODE
C
VIN = 3.3V
10,000
0.001
-40
-20
20
DIODE LEAKAGE CURRENT
vs. TEMPERATURE
0.1
0.01
100
10
1000
TEMPERATURE (°C)
040
1
60
80
MBR0520L
MBR0530
MBR0540
VOUT = VANODE = 12V


Similar Part No. - MAX606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX606 MAXIM-MAX606 Datasheet
90Kb / 4P
   Tiny Surface-Mount Design
Rev 1; 1/99
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6061AEUR-T MAXIM-MAX6061AEUR-T Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6061BEUR-T MAXIM-MAX6061BEUR-T Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
MAX6062AEUR-T MAXIM-MAX6062AEUR-T Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results

Similar Description - MAX606

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX710 MAXIM-MAX710 Datasheet
140Kb / 12P
   3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters
Rev 0; 7/97
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
Linear Technology
LT1301 LINER-LT1301 Datasheet
286Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
LT1301 LINER-LT1301_15 Datasheet
265Kb / 12P
   Micropower High Efficiency 5V/12V Step-Up DC/DC Converter for Flash Memory
logo
Maxim Integrated Produc...
MAX761 MAXIM-MAX761 Datasheet
122Kb / 12P
   12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Converters
Rev 0; 11/93
logo
Linear Technology
LT1106 LINER-LT1106 Datasheet
223Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_02 Datasheet
264Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
LT1106 LINER-LT1106_15 Datasheet
274Kb / 8P
   Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory
logo
Maxim Integrated Produc...
MAX770 MAXIM-MAX770 Datasheet
204Kb / 20P
   5V/12V/15V or Adjustable, High-Efficiency, Low IQ, Step-Up DC-DC Controllers
Rev 2; 11/96
MAX608 MAXIM-MAX608 Datasheet
136Kb / 12P
   5V or Adjustable, Low-Voltage, Step-Up DC-DC Controller
Rev 0; 9/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com