Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6009A Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6009A
Description  1關A SOT23 Precision Shunt Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6009A Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX6009A Datasheet HTML 1Page - Maxim Integrated Products MAX6009A Datasheet HTML 2Page - Maxim Integrated Products MAX6009A Datasheet HTML 3Page - Maxim Integrated Products MAX6009A Datasheet HTML 4Page - Maxim Integrated Products MAX6009A Datasheet HTML 5Page - Maxim Integrated Products MAX6009A Datasheet HTML 6Page - Maxim Integrated Products MAX6009A Datasheet HTML 7Page - Maxim Integrated Products MAX6009A Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1µA SOT23 Precision Shunt
Voltage Reference
_______________________________________________________________________________________
7
1
5
2
3
4
R2
R1
200k
IOUT
-1.0V TO -7V
-10V
IOUT =
2.5V
R2
MAX6008
MAX6008
MAX4162EUK
1
5
3
4
R2
R1
200k
IOUT
+1.0V TO +7V
+10V
2
MAX4162EUK
Figure 2. Precision 1µA to 1mA Current Sources
PART
TEMP.
RANGE
PIN-
PACKAGE
TOP
MARK
MAX6006AEUR-T
-40
°C to +85°C
3 SOT23
FZGH
MAX6006AESA
-40
°C to +85°C
8 SO
MAX6006BEUR-T
-40
°C to +85°C
3 SOT23
FZGI
MAX6006BESA
-40
°C to +85°C
8 SO
MAX6007AEUR-T
-40
°C to +85°C
3 SOT23
FZGK
MAX6007BEUR-T
-40
°C to +85°C
3 SOT23
FZGL
MAX6008AEUR-T
-40
°C to +85°C
3 SOT23
FZGN
MAX6008AESA
-40
°C to +85°C
8 SO
MAX6008BEUR-T
-40
°C to +85°C
3 SOT23
FZGO
MAX6008BESA
-40
°C to +85°C
8 SO
MAX6009AEUR-T
-40
°C to +85°C
3 SOT23
FZGQ
MAX6009BEUR-T
-40
°C to +85°C
3 SOT23
FZGR
Ordering Information
Chip Information
TRANSISTOR COUNT: 60
PROCESS: BiCMOS


Similar Part No. - MAX6009A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6009 MAXIM-MAX6009_12 Datasheet
275Kb / 8P
   1μA SOT23 Precision ShuntVoltage Reference
Rev 1; 7/12
More results

Similar Description - MAX6009A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
MAX6069 MAXIM-MAX6069 Datasheet
434Kb / 9P
   1關A Ultra-Tiny Shunt Voltage Reference
19-100064; Rev 0; 6/17
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
   PRECISION SHUNT VOLTAGE REFERENCE
logo
Acutechnology Semicondu...
AQ4041 ACUTECH-AQ4041 Datasheet
437Kb / 6P
   Precision Micropower Shunt Voltage Reference SOT23, SC70, and TO92 Package
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com