Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISO7310C Datasheet(PDF) 15 Page - Texas Instruments

Part # ISO7310C
Description  ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7310C Datasheet(HTML) 15 Page - Texas Instruments

Back Button ISO7310C_15 Datasheet HTML 11Page - Texas Instruments ISO7310C_15 Datasheet HTML 12Page - Texas Instruments ISO7310C_15 Datasheet HTML 13Page - Texas Instruments ISO7310C_15 Datasheet HTML 14Page - Texas Instruments ISO7310C_15 Datasheet HTML 15Page - Texas Instruments ISO7310C_15 Datasheet HTML 16Page - Texas Instruments ISO7310C_15 Datasheet HTML 17Page - Texas Instruments ISO7310C_15 Datasheet HTML 18Page - Texas Instruments ISO7310C_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
IN
500 3
VCC1
VCC1
5 2A
Input (ISO7310C)
VCC1
VCC2
OUT
Output
40 3
IN
500 3
VCC1
VCC1
5 2A
Input (ISO7310FC)
VCC1
VCC1
ISO7310C, ISO7310FC
www.ti.com
SLLSEI8D – JUNE 2014 – REVISED APRIL 2015
8.4 Device Functional Modes
Table 2. Function Table(1)
OUT
VCC1
VCC2
IN
ISO7310C
ISO7310FC
H
H
H
PU
PU
L
L
L
Open
H(2)
L(3)
PD
PU
X
H(2)
L(3)
X
PD
X
Undetermined
Undetermined
(1)
PU = Powered up (VCC ≥ 3 V); PD = Powered down (VCC ≤ 2.1 V); X = Irrelevant; H = High level; L = Low level
(2)
In fail-safe condition, output defaults to high level
(3)
In fail-safe condition, output defaults to low level
8.4.1 Device I/O Schematics
Figure 14. Device I/O Schematics
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ISO7310C ISO7310FC


Similar Part No. - ISO7310C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7310CD TI1-ISO7310CD Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310CDR TI1-ISO7310CDR Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310CQDQ1 TI1-ISO7310CQDQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310CQDRQ1 TI1-ISO7310CQDRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
More results

Similar Description - ISO7310C_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7310C TI1-ISO7310C Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310-Q1 TI1-ISO7310-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310-Q1 TI-ISO7310-Q1 Datasheet
515Kb / 25P
[Old version datasheet]   ISO7310-Q1 Robust EMC, Low Power, Single Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710 TI1-ISO7710 Datasheet
566Kb / 32P
[Old version datasheet]   ISO7710 High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
[Old version datasheet]   Robust EMC, Low Power, Dual-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com