Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3643 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3643
Description  Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3643 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3643 Datasheet HTML 2Page - Texas Instruments LM3643 Datasheet HTML 3Page - Texas Instruments LM3643 Datasheet HTML 4Page - Texas Instruments LM3643 Datasheet HTML 5Page - Texas Instruments LM3643 Datasheet HTML 6Page - Texas Instruments LM3643 Datasheet HTML 7Page - Texas Instruments LM3643 Datasheet HTML 8Page - Texas Instruments LM3643 Datasheet HTML 9Page - Texas Instruments LM3643 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
LED1 Code (dec#)
0
16
32
48
64
80
96
112
128
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
D015
TA = -40°C
TA = +25°C
TA = +85°C
LED2 Code (dec#)
0
16
32
48
64
80
96
112
128
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
0.18
0.2
D016
TA = -40°C
TA = +25°C
TA = +85°C
LED1 Code (dec#)
0
16
32
48
64
80
96
112
128
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D001
TA = -40°C
TA = +25°C
TA = +85°C
LED2 Code (dec#)
0
16
32
48
64
80
96
112
128
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
D002
TA = -40°C
TA = +25°C
TA = +85°C
SCL
SDA_IN
SDA_OUT
t 5
t 1
t 4
t 3
t
2
LM3643, LM3643A
SNVS967A – AUGUST 2014 – REVISED NOVEMBER 2014
www.ti.com
Figure 1. I2C-Compatible Interface Specifications
8.8 Typical Characteristics
Ambient temperature is 25°C, input voltage is 3.6 V, HWEN = VIN, CIN = COUT = 2 × 10 µF and L = 1 µH, unless otherwise
noted .
Figure 2. LED1 Flash Current vs Brightness Code
Figure 3. LED2 Flash Current vs Brightness Code
Figure 4. LED1 Torch Current vs Brightness Code
Figure 5. LED2 Torch Current vs Brightness Code
6
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3643 LM3643A


Similar Part No. - LM3643

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Similar Description - LM3643

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3559 TI1-LM3559 Datasheet
2Mb / 42P
[Old version datasheet]   LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3560 TI1-LM3560 Datasheet
3Mb / 42P
[Old version datasheet]   LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com