Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3643 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM3643
Description  Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3643 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3643 Datasheet HTML 4Page - Texas Instruments LM3643 Datasheet HTML 5Page - Texas Instruments LM3643 Datasheet HTML 6Page - Texas Instruments LM3643 Datasheet HTML 7Page - Texas Instruments LM3643 Datasheet HTML 8Page - Texas Instruments LM3643 Datasheet HTML 9Page - Texas Instruments LM3643 Datasheet HTML 10Page - Texas Instruments LM3643 Datasheet HTML 11Page - Texas Instruments LM3643 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.16
0.17
0.18
0.19
0.2
D027
LED1, TA = -40GC
LED2, TA = -40GC
LED1, TA = +25GC
LED2, TA = +25GC
LED1, TA = +85GC
LED2, TA = +85GC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
1.2
D007
TA = -40GC
TA = +25GC
TA = +85GC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.16
0.17
0.18
0.19
0.2
D025
TA = -40GC
TA = -+25GC
TA = +85GC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.16
0.17
0.18
0.19
0.2
D026
TA = -40GC
TA = -+25GC
TA = +85GC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.93
0.94
0.95
0.96
0.97
0.98
0.99
1
1.01
1.02
1.03
1.04
1.05
1.06
1.07
D023
TA = -40GC
TA = +25GC
TA = +85GC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0.68
0.69
0.7
0.71
0.72
0.73
0.74
0.75
0.76
0.77
0.78
D024
LED1, TA = -40GC
LED2, TA = -40GC
LED1, TA = +25GC
LED2, TA = +25GC
LED1, TA = +85GC
LED2, TA = +85GC
LM3643, LM3643A
SNVS967A – AUGUST 2014 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
Ambient temperature is 25°C, input voltage is 3.6 V, HWEN = VIN, CIN = COUT = 2 × 10 µF and L = 1 µH, unless otherwise
noted .
ILED = 1 A
ƒSW = 2 MHz
Flash
ILED = 730 mA
ƒSW = 2 MHz
Flash
Figure 12. LED1/2 Current vs Input Voltage
Figure 13. LED1 and LED2 Current vs Input Voltage
ILED = 179 mA
ƒSW = 2 MHz
Torch
ILED = 179 mA
ƒSW = 4 MHz
Torch
Figure 14. LED Current vs Input Voltage
Figure 15. LED Current vs Input Voltage
ILED = 179 mA
ƒSW = 2 MHz
Torch
HWEN = 0 V
I2C = 0 V
Figure 16. LED1 and LED2 Current vs Input Voltage
Figure 17. Shutdown Current vs Input Voltage
8
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3643 LM3643A


Similar Part No. - LM3643

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
LM3641M NSC-LM3641M Datasheet
304Kb / 16P
   Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Similar Description - LM3643

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
[Old version datasheet]   Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3559 TI1-LM3559 Datasheet
2Mb / 42P
[Old version datasheet]   LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3560 TI1-LM3560 Datasheet
3Mb / 42P
[Old version datasheet]   LM3560 Synchronous Boost Flash Driver w/ Dual 1A High-Side Current Sources (2A Total Flash Current)
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3646 TI1-LM3646 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost Converter with Dual High-Side Current Sources and I2CCompatible Interface
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com