Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61196-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61196-Q1
Description  TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61196-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61196-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS61196-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS61196-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS61196-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS61196-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS61196-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS61196-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS61196-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS61196-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
TPS61196-Q1
SNVSA79 – MARCH 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN pin
–0.3
33
FAULT pin
–0.3
VIN
FB1 to IFB6 pins
–0.3
40
FBP, ISET, ISNS, IFBV pins
–0.3
3.3
Voltage(2)
V
EN, PWM1 to PWM6 pins
–0.3
20
GDRV pins
–0.3
7
GDRV 10-ns transient pins
–2
9
All other pins
–0.3
7
Continuous power dissipation
See Thermal Information
Operating junction temperature range
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VIN
Input voltage
8
30
V
VOUT
Output voltage
VIN
120
V
L1
Inductor
10
100
µH
CIN
Input capacitor
10
µF
COUT
Output capacitor
22
220
µF
fSW
Boost regulator switching frequency
100
800
kHz
fDIM
PWM dimming frequency
0.09
22
kHz
TA
Operating ambient temperature
–40
125
°C
TJ
Operating junction temperature
–40
125
°C
(1)
Customers need to verify the component value in their application if the values are different from the recommended values.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TPS61196-Q1


Similar Part No. - TPS61196-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
More results

Similar Description - TPS61196-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61196-Q1 TI1-TPS61196-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   TPS61196-Q1 6-String 400-mA WLED Driver with Independent PWM Dimming For Each String
TPS61196 TI-TPS61196 Datasheet
1Mb / 30P
[Old version datasheet]   6-String 400-mA WLED Driver with Independent PWM Dimming for Each String
logo
Monolithic Power System...
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
logo
Maxim Integrated Produc...
MAX17105 MAXIM-MAX17105 Datasheet
993Kb / 26P
   8-String WLED Driver with Integrated Step-Up Regulator and SMBus/PWM Dimming Capability
Rev 2; 9/14
logo
Texas Instruments
TPS61197 TI-TPS61197 Datasheet
1,007Kb / 22P
[Old version datasheet]   Single-String WLED Driver for LCD TV
logo
Maxim Integrated Produc...
MAX17129 MAXIM-MAX17129 Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17129ETE MAXIM-MAX17129ETE Datasheet
2Mb / 21P
   Low-Cost, 6-String WLED Drivers with Quick-PWM Step-Up Converter
Rev 1; 9/11
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
   Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
Linear Technology
LT3598 LINER-LT3598_15 Datasheet
407Kb / 24P
   6-String 30mA LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com