Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX604EPA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX604EPA
Description  5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX604EPA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX604EPA Datasheet HTML 4Page - Maxim Integrated Products MAX604EPA Datasheet HTML 5Page - Maxim Integrated Products MAX604EPA Datasheet HTML 6Page - Maxim Integrated Products MAX604EPA Datasheet HTML 7Page - Maxim Integrated Products MAX604EPA Datasheet HTML 8Page - Maxim Integrated Products MAX604EPA Datasheet HTML 9Page - Maxim Integrated Products MAX604EPA Datasheet HTML 10Page - Maxim Integrated Products MAX604EPA Datasheet HTML 11Page - Maxim Integrated Products MAX604EPA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Input-Output (Dropout) Voltage
A regulator’s minimum input-output voltage differential,
or dropout voltage, determines the lowest usable supply
voltage. In battery-powered systems, this will determine
the useful end-of-life battery voltage. Because the
MAX603/MAX604 use a P-channel MOSFET pass tran-
sistor, their dropout voltage is a function of rDS(ON) multi-
plied by the load current (see
Electrical Characteristics).
Quickly stepping up the input voltage from the dropout
voltage can result in overshoot. This occurs when the
pass transistor is fully on at dropout and the IC is not
given time to respond to the supply voltage change.
Prevent this by slowing the input voltage rise time.
5V/3.3V or Adjustable, Low-Dropout,
Low IQ, 500mA Linear Regulators
10
______________________________________________________________________________________
___________________Chip Topography
IN
0.100"
(2.54mm)
0.104"
(2.64mm)
OFF
GND
SET
OUT
TRANSISTOR COUNT: 111
NO DIRECT SUBSTRATE CONNECTION. THE N-SUBSTRATE
IS INTERNALLY SWITCHED BETWEEN THE MORE POSITIVE
OF IN OR OUT.


Similar Part No. - MAX604EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX604EPA MAXIM-MAX604EPA Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
More results

Similar Description - MAX604EPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603_V01 Datasheet
1Mb / 11P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
2017
MAX882 MAXIM-MAX882 Datasheet
136Kb / 16P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
MAX882 MAXIM-MAX882_08 Datasheet
361Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 3; 9/08
MAX882 MAXIM-MAX882_09 Datasheet
507Kb / 17P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 200mA Linear Regulators
Rev 4; 7/09
logo
Global Mixed-mode Techn...
G9001 GMT-G9001 Datasheet
45Kb / 2P
   500mA Low-Dropout Linear Regulators
logo
Unisonic Technologies
LD3117 UTC-LD3117 Datasheet
219Kb / 4P
   500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
   Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
logo
Unisonic Technologies
UR133 UTC-UR133_18 Datasheet
346Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
UR133_A ETL-UR133_A Datasheet
407Kb / 8P
   300/500mA LOW DROPOUT LINEAR VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com