Electronic Components Datasheet Search |
|
MAX6145 Datasheet(PDF) 3 Page - Maxim Integrated Products |
|
MAX6145 Datasheet(HTML) 3 Page - Maxim Integrated Products |
3 / 8 page _______________________________________________________________________________________ 3 SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References ELECTRICAL CHARACTERISTICS—MAX6145 (VIN = 4.7V, IOUT = 0mA, TA = +25°C, unless otherwise noted.) (Note 1) TA = TMIN to TMAX TA = +25°C TA = TMIN to TMAX TA = TMIN to TMAX TA = +25°C ISINK = 0mA to 1mA ISOURCE = 0mA to 1mA TA = TMIN to TMAX 0.1Hz to 10Hz 10Hz to 10kHz VIN = 4.7V to 12.6V, TA = TMIN to TMAX VIN = 4.7V to 12.6V CONDITIONS µA/V 1.7 6 ∆IQ/∆VIN Change in Supply Current vs. Change in Input Voltage V 4.410 4.590 VOUT Output Voltage 4.455 4.500 4.545 V 4.7 12.6 VIN Supply Voltage µA 130 IQ Quiescent Supply Current 79 105 mV/mA 1.75 18 ∆VOUT/∆IOUT Load Regulation 0.6 1.8 ppm/°C 15 50 TCVOUT Output Voltage Temperature Coefficient 30 µVp-p 800 en Output Voltage Noise µV/V 250 ∆VOUT/∆VIN Line Regulation UNITS MIN TYP MAX SYMBOL PARAMETER TA = TMIN to TMAX TA = +25°C TA = TMIN to TMAX TA = TMIN to TMAX TA = +25°C ISINK = 0mA to 1mA ISOURCE = 0mA to 1mA TA = TMIN to TMAX 0.1Hz to 10Hz 10Hz to 10kHz VIN = 5.2V to 12.6V, TA = TMIN to TMAX VIN = 5.2V to 12.6V CONDITIONS µA/V 1.7 6 ∆IQ/∆VIN Change in Supply Current vs. Change in Input Voltage V 4.900 5.100 VOUT Output Voltage 4.950 5.000 5.050 V 5.2 12.6 VIN Supply Voltage µA 145 IQ Quiescent Supply Current 80 110 mV/mA 1.9 20 ∆VOUT/∆IOUT Load Regulation 0.65 2 ppm/°C 15 50 TCVOUT Output Voltage Temperature Coefficient 35 µVp-p 900 en Output Voltage Noise µV/V 150 ∆VOUT/∆VIN Line Regulation UNITS MIN TYP MAX SYMBOL PARAMETER ELECTRICAL CHARACTERISTICS—MAX6150 (VIN = 5.2V, IOUT = 0mA, TA = +25°C, unless otherwise noted.) (Note 1) |
Similar Part No. - MAX6145 |
|
Similar Description - MAX6145 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |