Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51604QDSGTQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51604QDSGTQ1
Description  TPS51604-Q1 Synchronous Buck FET Driver for High-FrequencyCPU Core Power in Automotive Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51604QDSGTQ1 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51604QDSGTQ1 Datasheet HTML 1Page - Texas Instruments TPS51604QDSGTQ1 Datasheet HTML 2Page - Texas Instruments TPS51604QDSGTQ1 Datasheet HTML 3Page - Texas Instruments TPS51604QDSGTQ1 Datasheet HTML 4Page - Texas Instruments TPS51604QDSGTQ1 Datasheet HTML 5Page - Texas Instruments TPS51604QDSGTQ1 Datasheet HTML 6Page - Texas Instruments TPS51604QDSGTQ1 Datasheet HTML 7Page - Texas Instruments TPS51604QDSGTQ1 Datasheet HTML 8Page - Texas Instruments TPS51604QDSGTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
BST
PWM
TPS51604-Q1
SKIP
VDD
1
2
3
4
DRVH
SW
GND
DRVL
8
7
6
5
PWM
SKIP
C4
VDD
C3
L1
Q1
Q2
C2
C1
VIN
UDG-12234
R1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS51604-Q1
SLUSBT2A – JANUARY 2014 – REVISED AUGUST 2014
TPS51604-Q1 Synchronous Buck FET Driver for High-Frequency
CPU Core Power in Automotive Applications
1 Features
3 Description
The TPS51604-Q1 drivers are optimized for high-
1
Qualified for Automotive Applications
frequency
CPU
VCORE
applications.
Advanced
AEC-Q100 Qualified With the Following Results:
features such as reduced dead-time drive and auto
Device Temperature Grade 1: –40°C to 125°C
zero crossing are used to optimize efficiency over the
entire load range.
Device Human Body Model ESD Classification
Level H2
The SKIP pin provides immediate CCM operation to
support controlled management of the output voltage.
Device Charged Device Model ESD
In addition, the TPS51604-Q1 supports two low-
Classification Level C3B
power modes. With the PWM input in 3-state,
Reduced Dead-Time Drive Circuit for Optimized
quiescent current is reduced to 130 µA, with
CCM
immediate response. When SKIP is held at 3-state,
Automatic Zero Crossing Detection for Optimized
the current is reduced to 8 µA (typically 20 µs is
DCM Efficiency
required to resume switching). Paired with the
appropriate TI controller, the drivers deliver an
Multiple Low-Power Modes for Optimized Light-
exceptionally high performance power supply system.
Load Efficiency
The TPS51604-Q1 device is packaged in a space
Optimized Signal Path Delays for High-Frequency
saving, thermally-enhanced 8-pin, 2-mm x 2-mm
Operation
WSON package and operates from –40°C to 125°C.
Integrated BST Switch Drive Strength Optimized
for Ultrabook FETs
Device Information(1)
Optimized for 5-V FET Drive
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Conversion Input Voltage Range (VIN): 4.5 to 28 V
TPS51604-Q1
WSON (8)
2.00 mm × 2.00 mm
2-mm × 2-mm, 8-Pin, WSON Power-Pad Package
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
2 Applications
Automotive Rear Seat Entertainment (RSE)
Tablets Using High-Frequency CPUs With the
Following Power Input:
Adapter
Battery
NVDC
5-V or 12-V Rails
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS51604QDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604DSGR TI-TPS51604DSGR Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604DSGT TI-TPS51604DSGT Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
More results

Similar Description - TPS51604QDSGTQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51604 TI1-TPS51604_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51604 Synchronous Buck FET Driver for High-Frequency CPU Core Power
TPS59603-Q1 TI1-TPS59603-Q1 Datasheet
398Kb / 17P
[Old version datasheet]   TPS59603-Q1 Synchronous Buck FET Driver for High-Frequency CPU Core Power in Automotive Applications
TPS51604 TI-TPS51604 Datasheet
1Mb / 20P
[Old version datasheet]   Synchronous Buck FET Driver Optimized for High-Frequency Applications
TPS92642-Q1 TI1-TPS92642-Q1 Datasheet
2Mb / 44P
[Old version datasheet]   TPS92642-Q1 Automotive Synchronous Buck Infrared LED Driver
NOVEMBER 2023
TPS92643-Q1 TI-TPS92643-Q1 Datasheet
2Mb / 41P
[Old version datasheet]   TPS92643-Q1 Automotive 3-A Synchronous Buck LED Driver
MAY 2022
logo
STMicroelectronics
L99LD20 STMICROELECTRONICS-L99LD20 Datasheet
1Mb / 61P
   High power LED driver for automotive applications
July 2018 Rev 3
L99LD21 STMICROELECTRONICS-L99LD21 Datasheet
1Mb / 73P
   High power LED driver for automotive applications
July 2018 Rev 5
logo
International Rectifier
IRF3709PBF IRF-IRF3709PBF_15 Datasheet
236Kb / 12P
   High Frequency Buck Converters for Server Processor Power Synchronous FET
logo
Texas Instruments
LM53600-Q1 TI-LM53600-Q1_15 Datasheet
112Kb / 4P
[Old version datasheet]   LM5360x-Q1 5-V, 3.3-V, and Adjustable Synchronous-Buck 1-A Regulator for Automotive Applications
logo
Major-Power Technology ...
MA5603 MPOWER-MA5603 Datasheet
412Kb / 9P
   Synchronous Buck for LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com