Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92602-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92602-Q1
Description  TPS9260x-Q1 Single- and Dual-Channel Automotive Headlight LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92602-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS92602-Q1 Datasheet HTML 1Page - Texas Instruments TPS92602-Q1 Datasheet HTML 2Page - Texas Instruments TPS92602-Q1 Datasheet HTML 3Page - Texas Instruments TPS92602-Q1 Datasheet HTML 4Page - Texas Instruments TPS92602-Q1 Datasheet HTML 5Page - Texas Instruments TPS92602-Q1 Datasheet HTML 6Page - Texas Instruments TPS92602-Q1 Datasheet HTML 7Page - Texas Instruments TPS92602-Q1 Datasheet HTML 8Page - Texas Instruments TPS92602-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
TPS92601-Q1, TPS92602-Q1, TPS92601A-Q1, TPS92602A-Q1
www.ti.com
SLUSBP5D – MARCH 2014 – REVISED JANUARY 2015
7.3 Recommended Operating Conditions
over operating free-air temperature (unless otherwise noted)
MIN
MAX
UNIT
VIN (first connection to battery, full functionality)
6
26
V
Supply voltage
VIN (battery voltage during cranking profile, full functionality)
4
26
V
VIN
26
40
V
Output sense
VOUTx, ISPx, ISNx(1)
4
75
V
PWMINx: enable and disable functionality(1)
0
40
V
PWMIN
PWMINx: PWM functionality(1)
0
7
V
ISNSx, OVFBx(1)
0
8
V
Other pins
VCC
3
8
V
ICTRLx, RT(1)
0
3.3
V
Gate-driver supply current, VCC(2)
100
mA
TA
Ambient temperature range
–40
125
°C
TJ
Junction temperature range
–40
150
°C
(1)
For the TPS9602-Q1 device, x = 1 or 2. For the TPS9601-Q1 device, x is blank.
(2)
Note available current for low-side gate drivers to drive the external BOOST FETs
7.4 Thermal Information
TPS92601-Q1
TPS92602-Q1
THERMAL METRIC(1)
PWP (HTSSOP)
PWP (HTSSOP)
UNIT
20 PINS
28 PINS
RθJA
Junction-to-ambient thermal resistance
37
37.2
RθJC(top)
Junction-to-case (top) thermal resistance
23.4
19.3
RθJB
Junction-to-board thermal resistance
17.7
16.7
°C/W
ψJT
Junction-to-top characterization parameter
0.9
0.8
ψJB
Junction-to-board characterization parameter
17.5
16.5
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
2.6
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
7.5 Electrical Characteristics
TJ = –40°C to 150°C, VVDD = 12 VDC, over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY
V(VIN_norm)
Normal mode after initial start-up, VIN rising
6
40
Input voltage range
V
V(VIN_crank)
Normal mode after initial start-up, VIN falling
4
40
PWM1 = PWM2 = High, VIN falling,f(PMWOx) <
V(UVLO)
Undervoltage lockout
3.72
4
V
V(VOUTx) – 2 V
PWM1 = PWM2 = High, VIN falling, quiescent
V(UVsh)
Undervoltage shutdown
2.8
3.5
V
current < 2 µA
PWM1 = PWM2 = High, VIN falling, V(PMWOx) =
V(OVSH)
Overvoltage shutdown
40
40.7
V
V(VOUTx), V(GRDVx) = 0
SUPPLY CURRENT
VIN = 12 V, PWMIN1 and PWMIN2 = low for >
t(CH_OFF),
2
TA = 25°C
I(stby)
Shutdown current
µA
VIN = 12 V, PWMIN1 and PWMIN2 = low for >
t(CH_OFF),
3
TA = 125°C
t(CH_OFF)
Channel OFF timer
PWMINx = low
9.5
14
18
ms
t(CH_ON)
Channel ON timer
PWMINx = high, VCC = 5.5 V
1
ms
Inom
Normal-mode current in OVP loop
VIN = 12 V, PWMINx = high
8
12
mA
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS92601-Q1 TPS92602-Q1 TPS92601A-Q1 TPS92602A-Q1


Similar Part No. - TPS92602-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92602-Q1 TI1-TPS92602-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92602-Q1 TI1-TPS92602-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
More results

Similar Description - TPS92602-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92601-Q1 TI1-TPS92601-Q1_18 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92601-Q1 TI1-TPS92601-Q1_16 Datasheet
1Mb / 47P
[Old version datasheet]   Single- and Dual-Channel Automotive Headlight LED Driver
TPS92613-Q1 TI1-TPS92613-Q1_V01 Datasheet
1Mb / 28P
[Old version datasheet]   TPS92613-Q1 Automotive Single-Channel LED Driver
TPS92663A-Q1 TI-TPS92663A-Q1 Datasheet
1Mb / 12P
[Old version datasheet]   TPS92663A-Q1 High-brightness LED Matrix Manager for Automotive Headlight Systems
TPS92613-Q1 TI1-TPS92613-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92612-Q1 TI1-TPS92612-Q1 Datasheet
2Mb / 18P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92610-Q1 TI1-TPS92610-Q1 Datasheet
2Mb / 25P
[Old version datasheet]   Automotive Single-Channel LED Driver
TPS92621-Q1 TI1-TPS92621-Q1 Datasheet
5Mb / 36P
[Old version datasheet]   TPS92621-Q1 Single-Channel, Automotive, High Side LED Driver with Thermal Sharing
AUGUST 2023
logo
Energizer
TUFHD31PH ENERGIZER-TUFHD31PH Datasheet
593Kb / 1P
   LED Headlight
MSHD31E ENERGIZER-MSHD31E Datasheet
148Kb / 1P
   LED Headlight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com