Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6034AEXR41-T Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6034AEXR41-T
Description  Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6034AEXR41-T Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6034AEXR41-T Datasheet HTML 5Page - Maxim Integrated Products MAX6034AEXR41-T Datasheet HTML 6Page - Maxim Integrated Products MAX6034AEXR41-T Datasheet HTML 7Page - Maxim Integrated Products MAX6034AEXR41-T Datasheet HTML 8Page - Maxim Integrated Products MAX6034AEXR41-T Datasheet HTML 9Page - Maxim Integrated Products MAX6034AEXR41-T Datasheet HTML 10Page - Maxim Integrated Products MAX6034AEXR41-T Datasheet HTML 11Page - Maxim Integrated Products MAX6034AEXR41-T Datasheet HTML 12Page - Maxim Integrated Products MAX6034AEXR41-T Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Precision, Micropower, Low-Dropout, SC70
Series Voltage Reference
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(VIN = 2.7V for MAX6034_21/25, VIN = 5V for MAX6034_30/33/41, IOUT = 0, TA = +25°C, unless otherwise noted.) (Note 6)
VOUT
10mV/div
AC-COUPLED
IOUT
+10
µA
-10
µA
1ms
MAX6034_25
LOAD TRANSIENT
CLOAD = 0
ILOAD =
±10µA
VOUT = 2.5V
MAX6034 toc18
VOUT
2mV/div
AC-COUPLED
IOUT
+10
µA
-10
µA
1ms
MAX6034_25
LOAD TRANSIENT
CLOAD = 1
µF
ILOAD =
±10µA
VOUT = 2.5V
MAX6034 toc19
VOUT
2mV/div
AC-COUPLED
IOUT
+10
µA
-10
µA
1ms
MAX6034_41
LOAD TRANSIENT
CLOAD = 1
µF
ILOAD =
±10µA
VOUT = 4.096V
MAX6034 toc21
VOUT
10mV/div
AC-COUPLED
IOUT
+10
µA
-10
µA
1ms
MAX6034_41
LOAD TRANSIENT
MAX6034 toc20
CLOAD = 0
ILOAD =
±10µA
VOUT = 4.096V
VOUT
20mV/div
AC-COUPLED
IOUT
+1mA
-0.2mA
1ms
MAX6034_25
LOAD TRANSIENT
MAX6034 toc23
CLOAD = 1
µF
ILOAD = +1mA/-0.2mA
VOUT = 2.5V
VOUT
100mV/div
AC-COUPLED
IOUT
+1mA
-0.2mA
1ms
MAX6034_25
LOAD TRANSIENT
CLOAD = 0
ILOAD = +1mA/-0.2mA
VOUT = 2.5V
MAX6034 toc22


Similar Part No. - MAX6034AEXR41-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603 Datasheet
134Kb / 12P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Rev 0; 9/94
MAX6030 MAXIM-MAX6030 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6030AEUR-T MAXIM-MAX6030AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6030AEUR-T MAXIM-MAX6030AEUR-T Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6030BEUR-T MAXIM-MAX6030BEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6034AEXR41-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com