Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6150 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6150
Description  SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6150 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX6150 Datasheet HTML 1Page - Maxim Integrated Products MAX6150 Datasheet HTML 2Page - Maxim Integrated Products MAX6150 Datasheet HTML 3Page - Maxim Integrated Products MAX6150 Datasheet HTML 4Page - Maxim Integrated Products MAX6150 Datasheet HTML 5Page - Maxim Integrated Products MAX6150 Datasheet HTML 6Page - Maxim Integrated Products MAX6150 Datasheet HTML 7Page - Maxim Integrated Products MAX6150 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
SOT23, Low-Cost, Low-Dropout,
3-Terminal Voltage References
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1996 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
________________________________________________________Package Information
L
DIM
A
A1
B
C
D
E
e
H
L
S
α
MIN
0.031
0.001
0.014
0.0034
0.105
0.047
0.070
0.082
0.004
0.017
MAX
0.047
0.005
0.022
0.006
0.120
0.055
0.080
0.098
0.012
0.022
MIN
0.787
0.025
0.356
0.086
2.667
1.194
1.778
2.083
0.102
0.432
MAX
1.194
0.127
0.559
0.152
3.048
1.397
2.032
2.489
0.305
0.559
INCHES
MILLIMETERS
α
3-PIN SOT23-3
SMALL-OUTLINE
TRANSISTOR PACKAGE
D
e
A
A1
C
B
S
21-0051B
H
E
___________________Chip Information
TRANSISTOR COUNT: 42
PART
MAX6145ESA
MAX6145EUR
-40°C to +85°C
-40°C to +85°C
8 SO
3 SOT23-3
TEMP.
RANGE
PIN-
PACKAGE
EDAA
SOT
TOP MARK
MAX6160EUS
-40°C to +85°C
4 SOT143
JXAA
MAX6150ESA
MAX6150EUR
-40°C to +85°C
-40°C to +85°C
8 SO
3 SOT23-3
EEAA
MAX6160ESA
-40°C to +85°C
8 SO
_Ordering Information (continued)
__________Typical Operating Circuit
MAX6125
MAX6141
MAX6145
MAX6150
IN
VIN = (VOUT + 200mV) to 12.6V
OUT
0.1
µF*
*OPTIONAL
GND
VOUT


Similar Part No. - MAX6150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6150 MAXIM-MAX6150 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
More results

Similar Description - MAX6150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6125 MAXIM-MAX6125_V01 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6001 MAXIM-MAX6001 Datasheet
195Kb / 12P
   Low-Cost, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 1; 4/99
MAX6025 MAXIM-MAX6025 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com