Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS8268180 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8268180
Description  TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS8268180 Datasheet(HTML) 5 Page - Texas Instruments

  TPS8268180 Datasheet HTML 1Page - Texas Instruments TPS8268180 Datasheet HTML 2Page - Texas Instruments TPS8268180 Datasheet HTML 3Page - Texas Instruments TPS8268180 Datasheet HTML 4Page - Texas Instruments TPS8268180 Datasheet HTML 5Page - Texas Instruments TPS8268180 Datasheet HTML 6Page - Texas Instruments TPS8268180 Datasheet HTML 7Page - Texas Instruments TPS8268180 Datasheet HTML 8Page - Texas Instruments TPS8268180 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
TPS8268180, TPS8268150, TPS8268120, TPS8268105, TPS8268090
www.ti.com
SLVSBR0C – OCTOBER 2014 – REVISED JUNE 2015
Thermal Information (continued)
TPS8268x
THERMAL METRIC(1)
SIP
UNIT
9 PINS
ψJB
Junction-to-board characterization parameter
25
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
°C/W
7.5 Electrical Characteristics
Minimum and maximum values are at VIN = 2.5 V to 5.5 V, EN = VIN and TA = –40°C to 85°C; Circuit of Parameter
Measurement Information section (unless otherwise noted). Typical values are at VIN = 3.6 V, EN = VIN and TA = 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IQ
Operating quiescent current
IOUT = 0mA
7
mA
ISD
Shutdown current
EN = low
0.5
5
μA
VIN rising
2.1
2.3
V
UVLO
Undervoltage lockout threshold
VIN falling
1.95
2.25
V
ENABLE, MODE
VIH
High-level input voltage
0.9
V
VIL
Low-level input voltage
0.4
V
Input connected to GND or VIN; TJ = –40°C to
Ilkg
Input leakage current
0.01
1.5
μA
85°C
PROTECTION
Thermal shutdown
Temperature rising
140
°C
Thermal shutdown hysteresis
Temperature falling
10
°C
ILIM
Average output current limit
2100
mA
Input current limit under short-circuit
ISC
VOUT shorted to ground
150
mA
condition
OUTPUT
TPS8268180
1.80
V
TPS8268150
1.50
V
TPS8268120
1.20
V
Nominal output
VOUT,NOM
TPS8268105
1.05
V
voltage
TPS8268090
0.90
V
TPS8268120,
2.8V
≤ VIN ≤ 5.5V, 0mA ≤ IOUT ≤ 1600 mA
TPS8268105,
TJ = –40°C to 85°C
TPS8268090
0.985×VOUT,NOM VOUT,NOM 1.015×VOUT,NOM
V
TPS8268180,
3.2V
≤ VIN ≤ 5.5V, 0mA ≤ IOUT ≤ 1600 mA
TPS8268150
TJ = –40°C to 85°C
Output voltage
accuracy
TPS8268120,
2.7V
≤ VIN ≤ 5.5V, 0mA ≤ IOUT ≤ 1200 mA
TPS8268105,
TJ = –40°C to 125°C
TPS8268090
0.98×VOUT,NOM VOUT,NOM 1.025×VOUT,NOM
V
TPS8268180,
2.9V
≤ VIN ≤ 5.5V, 0mA ≤ IOUT ≤ 1200 mA
TPS8268150
TJ = –40°C to 125°C
Line regulation
VIN = 2.5V to 5.5V, IOUT = 200 mA
0.2
%/V
Load regulation
IOUT = 0mA to 1600 mA
–0.85
%/A
fSW
Nominal oscillator frequency
IOUT = 0mA
5.5
MHz
RDIS
VOUT discharge resistor
12
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS8268180 TPS8268150 TPS8268120 TPS8268105 TPS8268090


Similar Part No. - TPS8268180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670SIP TI1-TPS82670SIP Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Similar Description - TPS8268180

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com