Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6018BEUR18 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6018BEUR18
Description  Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6018BEUR18 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6018BEUR18 Datasheet HTML 1Page - Maxim Integrated Products MAX6018BEUR18 Datasheet HTML 2Page - Maxim Integrated Products MAX6018BEUR18 Datasheet HTML 3Page - Maxim Integrated Products MAX6018BEUR18 Datasheet HTML 4Page - Maxim Integrated Products MAX6018BEUR18 Datasheet HTML 5Page - Maxim Integrated Products MAX6018BEUR18 Datasheet HTML 6Page - Maxim Integrated Products MAX6018BEUR18 Datasheet HTML 7Page - Maxim Integrated Products MAX6018BEUR18 Datasheet HTML 8Page - Maxim Integrated Products MAX6018BEUR18 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Precision, Micropower, 1.8V Supply,
Low-Dropout, SOT23 Voltage Reference
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (MAX6018_16–1.600V)
(VIN = 1.8V; COUT = 47nF, IOUT = 0; TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6018A_16 (0.2%)
TA = +25°C
1.5968
1.6000
1.6032
Output Voltage
VOUT
MAX6018B_16 (0.4%)
TA = +25°C
1.5936
1.6000
1.6064
V
Output Voltage Temperature
Drift
TCVOUT
(Note 2)
16
50
ppm/
oC
Line Regulation
∆VOUT/
∆VIN
1.8V
≤ VIN ≤ 5.5V
40
250
µV/V
0
≤ IOUT ≤ 1mA
90
700
µV/mA
Load Regulation
∆VOUT/
∆IOUT
-750µA
≤ IOUT ≤ 0
0.6
50
µV/µA
Dropout Voltage (Note 3)
VIN - VOUT
IOUT = 1mA
100
200
mV
Sourcing to GND
6
Short-Circuit Current
ISC
Sinking from VIN
2
mA
Long-Term Stability
∆VOUT/
Time
1000hrs at TA = +25°C
100
ppm
Thermal Hysteresis
(Note 4)
130
ppm
DYNAMIC CHARACTERISTICS
0.1Hz to 10Hz
40
µVp-p
Noise Voltage
eOUT
10Hz to 10kHz
150
µVRMS
Ripple Rejection
VIN = 1.8V ±100mV (f = 120Hz)
85
dB
Turn-On Settling Time
tR
Settling to 0.1%; COUT = 5nF
200
µs
Capacitive-Load Stability Range
COUT
(Note 2)
0.1
1000
nF
INPUT
Supply Voltage Range
VIN
Guaranteed by Line Regulation Test
1.8
5.5
V
TA = +25°C3
5
Quiescent Supply Current
IIN
TA = TMIN to TMAX
36
µA
Change in Quiescent Supply
Current vs. Input Voltage
∆IIN/∆VIN
1.8V
≤ VIN ≤ 5.5V
0.1
0.5
µA/V


Similar Part No. - MAX6018BEUR18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018BEUR18+T MAXIM-MAX6018BEUR18+T Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
More results

Similar Description - MAX6018BEUR18

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
LM4121 TI-LM4121_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM4121 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com