Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6161AESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6161AESA
Description  Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6161AESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6161AESA Datasheet HTML 7Page - Maxim Integrated Products MAX6161AESA Datasheet HTML 8Page - Maxim Integrated Products MAX6161AESA Datasheet HTML 9Page - Maxim Integrated Products MAX6161AESA Datasheet HTML 10Page - Maxim Integrated Products MAX6161AESA Datasheet HTML 11Page - Maxim Integrated Products MAX6161AESA Datasheet HTML 12Page - Maxim Integrated Products MAX6161AESA Datasheet HTML 13Page - Maxim Integrated Products MAX6161AESA Datasheet HTML 14Page - Maxim Integrated Products MAX6161AESA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Precision, Micropower, Low-Dropout, High-
Output-Current, SO-8 Voltage References
______________________________________________________________________________________
11
Typical Operating Characteristics (continued)
(VIN = +5V for MAX6161–MAX6168, VIN = +5.5V for MAX6165, IOUT = 0, TA = +25°C, unless otherwise noted.) (Note 4)
0
0.05
0.15
0.10
0.20
0.25
02
13
4
5
TA = +85°C
TA = +25°C
TA = -40°C
LOAD CURRENT (mA)
MAX6165
DROPOUT VOLTAGE
vs. LOAD CURRENT
FREQUENCY (kHz)
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
0.001
1
10
100
0.01
0.1
1000
MAX6161
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
-70
-80
0.001
10
1000
-60
-50
-40
-30
-20
-10
0
FREQUENCY (kHz)
0.1
MAX6165
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
70
80
90
100
110
2468
10
12
INPUT VOLTAGE (V)
MAX6161
SUPPLY CURRENT
vs. INPUT VOLTAGE
80
85
95
90
105
110
100
115
5
7
9
11
13
INPUT VOLTAGE (V)
MAX6165
SUPPLY CURRENT
vs. INPUT VOLTAGE
70
80
90
100
110
120
-40
10
-15
356085
TEMPERATURE (
°C)
MAX6161
SUPPLY CURRENT
vs. TEMPERATURE
VIN = 12.5V
VIN = 7.5V
VIN = 2.5V
VIN = 5.5V
85
95
105
115
-40
10
-15
356085
TEMPERATURE (
°C)
MAX6165
SUPPLY CURRENT
vs. TEMPERATURE
VIN = 12.5V
VIN = 7.5V
VIN = 5.5V
0
0.001
10
1000
40
20
60
80
100
140
120
160
180
200
220
FREQUENCY (kHz)
0.1
MAX6161
OUTPUT IMPEDANCE
vs. FREQUENCY
180
0
0.001
10
1000
40
20
60
100
80
120
140
160
FREQUENCY (kHz)
0.1
MAX6165
OUTPUT IMPEDANCE
vs. FREQUENCY


Similar Part No. - MAX6161AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6161 MAXIM-MAX6161 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
MAX6161_ESA++ MAXIM-MAX6161_ESA+ Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
More results

Similar Description - MAX6161AESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
ADR3625 AD-ADR3625_V01 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com