Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS8268105SIPT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS8268105SIPT
Description  TPS8268x 1600-mA High-Efficiency MicroSiP Step-Down Converter Module
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS8268105SIPT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS8268105SIPT Datasheet HTML 4Page - Texas Instruments TPS8268105SIPT Datasheet HTML 5Page - Texas Instruments TPS8268105SIPT Datasheet HTML 6Page - Texas Instruments TPS8268105SIPT Datasheet HTML 7Page - Texas Instruments TPS8268105SIPT Datasheet HTML 8Page - Texas Instruments TPS8268105SIPT Datasheet HTML 9Page - Texas Instruments TPS8268105SIPT Datasheet HTML 10Page - Texas Instruments TPS8268105SIPT Datasheet HTML 11Page - Texas Instruments TPS8268105SIPT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
1.0185
1.0290
1.0395
1.0500
1.0605
1.0710
1.0815
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Vin (V)
1 mA
316 mA
501 mA
1 A
1.6 A
C012
0
1
2
3
4
5
6
7
8
9
0.01
0.1
1
Iout (A)
3 V
3.5 V
4 V
5 V
C018
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
Iout (A)
2.5 V
3 V
3.3 V
4.2 V
5 V
C010
1.0185
1.0290
1.0395
1.0500
1.0605
1.0710
1.0815
0.0001
0.001
0.01
0.1
1
Iout (A)
2.5 V
3 V
3.3 V
4.2 V
5 V
C011
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
6
1.164
1.176
1.188
1.2
1.212
1.224
1.236
D022
1 mA
316 mA
501 mA
1 A
1.6 A
0
1
2
3
4
5
6
7
8
0.0001
0.001
0.01
0.1
1
Iout (A)
2.5 V
3 V
3.5 V
4 V
5 V
C013
TPS8268180, TPS8268150, TPS8268120, TPS8268105, TPS8268090
SLVSBR0C – OCTOBER 2014 – REVISED JUNE 2015
www.ti.com
Typical Characteristics (continued)
VOUT = 1.20 V
25°C
VOUT = 1.20 V
25°C
Figure 12. Switching Frequency vs Output Current
Figure 11. Output Voltage vs Input Voltage
VOUT = 1.05 V
25°C
VOUT = 1.05V
25°C
Figure 14. Output Voltage vs Output Current
Figure 13. Efficiency vs Output Current
VOUT = 1.05 V
25°C
VOUT = 1.05 V
25°C
Figure 15. Output Voltage vs Input Voltage
Figure 16. Switching Frequency vs Output Current
8
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TPS8268180 TPS8268150 TPS8268120 TPS8268105 TPS8268090


Similar Part No. - TPS8268105SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82670SIP TI1-TPS82670SIP Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
More results

Similar Description - TPS8268105SIPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82670 TI1-TPS82670_16 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82671 TI1-TPS82671 Datasheet
1Mb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI-TPS82670_12 Datasheet
1,019Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82671 TI1-TPS82671_11 Datasheet
949Kb / 28P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP STEP-DOWN CONVERTER (PROFILE <1.0mm)
APRIL2011
TPS82670 TI1-TPS82670_17 Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
TPS82690 TI-TPS82690_15 Datasheet
1Mb / 26P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
TPS82671_1111 TI1-TPS82671_1111 Datasheet
824Kb / 26P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82670 TI1-TPS82670 Datasheet
876Kb / 27P
[Old version datasheet]   600-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1.0mm)
TPS82690 TI1-TPS82690 Datasheet
886Kb / 23P
[Old version datasheet]   500-mA, HIGH-EFFICIENCY MicroSiP??STEP-DOWN CONVERTER (PROFILE <1mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com