Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6034_EXR41-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX6034_EXR41-T
Description  Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6034_EXR41-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX6034_EXR41-T Datasheet HTML 1Page - Maxim Integrated Products MAX6034_EXR41-T Datasheet HTML 2Page - Maxim Integrated Products MAX6034_EXR41-T Datasheet HTML 3Page - Maxim Integrated Products MAX6034_EXR41-T Datasheet HTML 4Page - Maxim Integrated Products MAX6034_EXR41-T Datasheet HTML 5Page - Maxim Integrated Products MAX6034_EXR41-T Datasheet HTML 6Page - Maxim Integrated Products MAX6034_EXR41-T Datasheet HTML 7Page - Maxim Integrated Products MAX6034_EXR41-T Datasheet HTML 8Page - Maxim Integrated Products MAX6034_EXR41-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Precision, Micropower, Low-Dropout, SC70
Series Voltage Reference
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS–MAX6034_30 (VOUT = 3.000V)
(VIN = 5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
MAX6034A_30 (±0.2%)
2.994
3.000
3.006
Output Voltage
VOUT
TA = +25°C
MAX6034B_30 (±0.4%)
2.988
3.000
3.012
V
MAX6034A_30
730
Output Voltage Temperature
Coefficient (Note 2)
TCVOUT
MAX6034B_30
775
ppm/°C
Line Regulation
∆VOUT/
∆VIN
(VOUT + 200mV)
≤ VIN ≤ 5.5V
43
280
µV/V
Sourcing: 0
≤ IOUT ≤ 1mA
0.30
1.3
Load Regulation
∆VOUT/
∆IOUT
Sinking: 0
≤ IOUT ≤ 200µA
2.6
8
mV/mA
Short to GND
13
OUT Short-Circuit Current
ISC
Short to IN
4
mA
Dropout Voltage
VIN - VOUT
IOUT = 1mA (Note 5)
70
200
mV
Temperature Hysteresis
∆VOUT/
cycle
(Note 3)
100
ppm
Long-Term Stability
∆VOUT/
time
1000hr at TA = +25°C90
ppm/
1000hr
DYNAMIC
f = 0.1Hz to 10Hz
66
µVP-P
Noise Voltage
eOUT
f = 10Hz to 10kHz
80
µVRMS
Ripple Rejection
∆VOUT/
∆VIN
VIN = 5V
±100mV, f = 120Hz
76
dB
Turn-On Settling Time
tR
To VOUT = 0.1% of final value,
COUT = 50pF
165
µs
Capacitive-Load Stability Range
COUT
(Note 4)
01
µF
INPUT
Supply Voltage Range
VIN
Guaranteed by line-regulation test
VOUT
+ 0.2
5.5
V
Quiescent Supply Current
IIN
95
125
µA
Change in Supply Current Per
Change in Input Voltage
∆IIN/∆VIN
(VOUT + 200mV)
≤ VIN ≤ 5.5V
4.5
16
µA/V


Similar Part No. - MAX6034_EXR41-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX603 MAXIM-MAX603 Datasheet
134Kb / 12P
   5V/3.3V or Adjustable, Low-Dropout, Low IQ, 500mA Linear Regulators
Rev 0; 9/94
MAX6030 MAXIM-MAX6030 Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6030AEUR-T MAXIM-MAX6030AEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
MAX6030AEUR-T MAXIM-MAX6030AEUR-T Datasheet
274Kb / 14P
   Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
Rev 3; 4/01
MAX6030BEUR-T MAXIM-MAX6030BEUR-T Datasheet
281Kb / 14P
   Precision, Low-Power, Low-Dropout,
Rev 3; 4/01
More results

Similar Description - MAX6034_EXR41-T

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4121 NSC-LM4121 Datasheet
436Kb / 16P
   Precision Micropower Low Dropout Voltage Reference
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4125 NSC-LM4125 Datasheet
300Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4120 TI1-LM4120 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
logo
National Semiconductor ...
LM4120 NSC-LM4120_05 Datasheet
721Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
LM4120 NSC-LM4120 Datasheet
289Kb / 11P
   Precision Micropower Low Dropout Voltage Reference
logo
Linear Technology
LT1461 LINER-LT1461_15 Datasheet
1Mb / 18P
   Micropower Precision Low Dropout Series Voltage Reference Family
LT1461 LINER-LT1461 Datasheet
254Kb / 16P
   Micropower Precision Low Dropout Series Voltage Reference Family
logo
Texas Instruments
LM4120 TI-LM4120_15 Datasheet
1Mb / 26P
[Old version datasheet]   LM4120 Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com