Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX614CSA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX614CSA
Description  Dual-Slot PCMCIA Analog Power Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX614CSA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX614CSA Datasheet HTML 1Page - Maxim Integrated Products MAX614CSA Datasheet HTML 2Page - Maxim Integrated Products MAX614CSA Datasheet HTML 3Page - Maxim Integrated Products MAX614CSA Datasheet HTML 4Page - Maxim Integrated Products MAX614CSA Datasheet HTML 5Page - Maxim Integrated Products MAX614CSA Datasheet HTML 6Page - Maxim Integrated Products MAX614CSA Datasheet HTML 7Page - Maxim Integrated Products MAX614CSA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dual-Slot PCMCIA
Analog Power Controllers
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCCIN = +5V, VPPIN = +12V, TA = TMIN to TMAX, unless otherwise noted.)
AVPP SWITCH RESISTANCE
(12V MODE)
1.0
10.0
VPPIN (V)
1.4
1.8
2.2
2.6
10.5
11.0
11.5
12.0
12.5
13.0
13.5
+125°C
+85°C
+25°C
-55°C
VCCIN = +5.0V
AVPP0 = 0V
AVPP1 = +5.0V
AVPP SWITCH RESISTANCE
(5V MODE)
10
2.0
VCCIN (V)
2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5
30
50
70
90
110
VPPIN = +12.0V
AVPP1 = 0V
AVPP0 = VCCIN
+125°C
+25°C
-55°C
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
AVPP, BVPP Switch Resistance
VPPIN = 11.4V, 0mA < ILOAD < 120mA (12V mode)
1.60
2.45
VCCIN = 4.5V, 0mA < ILOAD < 1mA (5V mode)
30
50
VPPIN = 11.4V, 0mA < ILOAD < 1mA (0V mode)
135
300
DRV, DRV3, DRV5 Leakage Current
High-impedance mode
175
nA
DRV, DRV3, DRV5 Output Voltage Low
ILOAD = 1mA
0.1
0.4
V
Logic Input Leakage Current
1
µA
Logic Input High
2.4
V
Logic Input Low
0.8
V
_VCC_ to DRV_ Propagation Delay
50
ns
CVPPIN = 1µF, AVPP0 = AVPP1, CAVPP = 0.1µF
AVPP SWITCHING 5V TO 12V
+5V
AVPP1
+5V
1
µs/div
0V
+12V
AVPP
CVPPIN = 1µF, AVPP0 = AVPP1, CAVPP = 0.1µF
AVPP SWITCHING 12V TO 5V
+5V
AVPP1
+5V
2
µs/div
0V
+12V
AVPP
UNITS
DC CHARACTERISTICS
LOGIC SECTION


Similar Part No. - MAX614CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6141 MAXIM-MAX6141 Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6141 MAXIM-MAX6141 Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6141ESA MAXIM-MAX6141ESA Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
MAX6141ESA MAXIM-MAX6141ESA Datasheet
2Mb / 12P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
2016
MAX6141EUR MAXIM-MAX6141EUR Datasheet
84Kb / 8P
   SOT23, Low-Cost, Low-Dropout, 3-Terminal Voltage References
Rev. 0; 12/96
More results

Similar Description - MAX614CSA

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G576 GMT-G576 Datasheet
271Kb / 12P
   Dual-Slot PCMCIA/CardBus Power Controllers
logo
Maxim Integrated Produc...
MAX780 MAXIM-MAX780 Datasheet
134Kb / 12P
   Dual-Slot PCMCIA Analog Power Controller
Rev. 1; 8/93
logo
List of Unclassifed Man...
G571 ETC-G571 Datasheet
151Kb / 11P
   Single-Slot PCMCIA/CardBus Power Controllers
logo
Texas Instruments
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
[Old version datasheet]   DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214A TI1-TPS2214A_14 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI1-TPS2223_16 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2216 TI1-TPS2216_16 Datasheet
1Mb / 33P
[Old version datasheet]   DUAL-SLOT PC CARD POWER SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2214 TI-TPS2214 Datasheet
351Kb / 26P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCH FOR SERIAL PCMCIA CONTROLLERS
TPS2201IDFR TI-TPS2201IDFR Datasheet
922Kb / 25P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR PARALLEL PCMCIA CONTROLLERS
TPS2202 TI-TPS2202 Datasheet
455Kb / 21P
[Old version datasheet]   DUAL-SLOT PC CARD POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com