Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3550 Datasheet(PDF) 7 Page - Unisonic Technologies

Part # UC3550
Description  PWM CONTROLLED, PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC3550 Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button UC3550_15 Datasheet HTML 3Page - Unisonic Technologies UC3550_15 Datasheet HTML 4Page - Unisonic Technologies UC3550_15 Datasheet HTML 5Page - Unisonic Technologies UC3550_15 Datasheet HTML 6Page - Unisonic Technologies UC3550_15 Datasheet HTML 7Page - Unisonic Technologies UC3550_15 Datasheet HTML 8Page - Unisonic Technologies UC3550_15 Datasheet HTML 9Page - Unisonic Technologies UC3550_15 Datasheet HTML 10Page - Unisonic Technologies UC3550_15 Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
UC3550
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 11
www.unisonic.com.tw
QW-R502-082,D
TYPICAL STEP-UP CONVERTER APPLICATION
CE
OUT
NC
EXT
GND
VOUT
VIN
1
2
34
5
UTC
UC3550
10uF
220uF
Step-up Converter using external MOSFET
10uH
CE
OUT
NC
EXT
GND
VOUT
VIN
1
2
34
5
UTC
UC3550
Cb 3000P
Rb 560
10uF
220uF
Step-up Converter using external NPN
10uH
0.1µ
0.1µ
Recommended components
Nmos tR :XP161A0390PR/ (Torex) or NTGS3446T1(ON SEMI)
L
10Uh(Sunida CD54 fOSC=300kHz)
SD
MA737, or MBRM110L
CIN
10V 10uF (tantalum)
CL
16V220uF (tantalum)
NPN tR type
tR
2SD1628(Sanyo),MMJT9410
RB
500~1000Ω(Adjust according to load and Tr. hFE levels)
CB
3000p(ceramic type)


Similar Part No. - UC3550_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
More results

Similar Description - UC3550_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC3550 UTC-UC3550_10 Datasheet
368Kb / 10P
   PWM CONTROLLED,PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6367 TOREX-XC6367_1 Datasheet
1Mb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
XC6368 TOREX-XC6368 Datasheet
431Kb / 28P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550_11 Datasheet
391Kb / 9P
   PWM CONTROLLED竊?PWM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER DESCRIPTION
logo
Torex Semiconductor
XC6367 TOREX-XC6367 Datasheet
1Mb / 27P
   PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
logo
Unisonic Technologies
UC3550 UTC-UC3550 Datasheet
193Kb / 10P
   PWM CONTROLLED竊똏WM/PFM SWITCHABLE STEP-UP DC-DC CONTROLLER
logo
Torex Semiconductor
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com