Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD13302W Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD13302W
Description  CSD13302W 12 V N Channel NexFET??Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD13302W Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD13302W_15 Datasheet HTML 2Page - Texas Instruments CSD13302W_15 Datasheet HTML 3Page - Texas Instruments CSD13302W_15 Datasheet HTML 4Page - Texas Instruments CSD13302W_15 Datasheet HTML 5Page - Texas Instruments CSD13302W_15 Datasheet HTML 6Page - Texas Instruments CSD13302W_15 Datasheet HTML 7Page - Texas Instruments CSD13302W_15 Datasheet HTML 8Page - Texas Instruments CSD13302W_15 Datasheet HTML 9Page - Texas Instruments CSD13302W_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
VDS - Drain-To-Source Voltage (V)
0.1
1
10
50
0.1
1
10
100
D010
100 ms
10 ms
1 ms
100 µs
10 µs
TC - Case Temperature (GC)
-45
-20
5
30
55
80
105
130
155
180
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
D011
TC - Case Temperature (GC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
D008
VGS = 2.5 V
VGS = 4.5 V
VSD - Source-To-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
0.0001
0.001
0.01
0.1
1
10
D009
TC = 25GC
TC = 125GC
CSD13302W
SLPS535 – MARCH 2015
www.ti.com
Typical MOSFET Characteristics (continued)
(TA = 25°C unless otherwise stated)
ID = 1 A
Figure 9. Typical Diode Forward Voltage
Figure 8. Normalized On-State Resistance vs Temperature
Single Pulse, Max RθJA = 275°C/W
Figure 10. Maximum Safe Operating Area
Figure 11. Maximum Drain Current vs Temperature
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD13302W


Similar Part No. - CSD13302W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
More results

Similar Description - CSD13302W_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD13302W TI1-CSD13302W_16 Datasheet
492Kb / 12P
[Old version datasheet]   CSD13302W 12 V N Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L Datasheet
639Kb / 11P
[Old version datasheet]   12 V Dual N-Channel NexFET??Power MOSFET
CSD83325L TI1-CSD83325L_16 Datasheet
1Mb / 14P
[Old version datasheet]   12 V Dual N-Channel NexFET Power MOSFET
CSD13306W TI-CSD13306W Datasheet
616Kb / 12P
[Old version datasheet]   CSD13306W 12 V N Channel NexFET??Power MOSFET
CSD23202W10 TI1-CSD23202W10 Datasheet
440Kb / 12P
[Old version datasheet]   12-V P-Channel NexFET Power MOSFET
CSD23202W10 TI-CSD23202W10_15 Datasheet
1,023Kb / 15P
[Old version datasheet]   CSD23202W10 12-V P-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD16327Q3 TI1-CSD16327Q3_16 Datasheet
425Kb / 13P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com