Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCK171 Datasheet(PDF) 5 Page - International Rectifier

Part # IRMCK171
Description  High Performance Sensorless Motor Control IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK171 Datasheet(HTML) 5 Page - International Rectifier

  IRMCK171 Datasheet HTML 1Page - International Rectifier IRMCK171 Datasheet HTML 2Page - International Rectifier IRMCK171 Datasheet HTML 3Page - International Rectifier IRMCK171 Datasheet HTML 4Page - International Rectifier IRMCK171 Datasheet HTML 5Page - International Rectifier IRMCK171 Datasheet HTML 6Page - International Rectifier IRMCK171 Datasheet HTML 7Page - International Rectifier IRMCK171 Datasheet HTML 8Page - International Rectifier IRMCK171 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
IRMCK171
5 www.irf.com
© 2014 International Rectifier Submit Datasheet Feedback May 28, 2014
1 Overview
IRMCK171 is a new generation International Rectifier integrated circuit device primarily designed as a
one-chip solution for complete inverter controlled appliance motor control applications. Unlike a traditional
microcontroller or DSP, the IRMCK171 provides a built-in closed loop sensorless control algorithm using
the unique flexible Motion Control Engine (MCE
TM) for permanent magnet motors as well as induction
motors.
The MCE
TM consists of a collection of control elements, motion peripherals, a dedicated motion
control sequencer and dual port RAM to map internal signal nodes. IRMCK171 also employs a unique
single shunt current reconstruction circuit in addition to two leg shunt current sensing circuit to eliminate
additional analog/digital circuitry and enables a direct shunt resistor interface to the IC.
Motion control
programming is achieved using a dedicated graphical compiler integrated into the MATLAB/Simulink
TM
development environment. Sequencing, user interface, host communication, and upper layer control
tasks can be implemented in the 8051 high-speed 8-bit microcontroller. The 8051 microcontroller is
equipped with a JTAG port to facilitate emulation and debugging tools. Figure 1 shows a typical
application schematic using the IRMCK171.
IRMCK171 contains 32K bytes of OTP program ROM, The IRMCF171 contains 64K bytes of Flash RAM
and intended for development purposes only while the IRMCK171 is intended for volume production.
Both the development and ROM versions come in a 48-pin QFP package with identical pin configuration
to facilitate PC board layout and transition to mass production.
IRMCK171
Power
Supply
IRS2336D
PM motor
IPM or SPM
Or
IM motor
Passive
EMI
Fillter
Digital I/O
Analog Input
Host
Communication
(RS232C)
Appliance PM
motor Drive
3.3V
Gate signal
15V
EEPROM
6
2
8
Galvanic
isolation
Optional
Figure 1 Typical Application Block Diagram Using IRMCK171


Similar Part No. - IRMCK171

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
More results

Similar Description - IRMCK171

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
   High Performance Sensorless Motor Control IC
IRMCK182M IRF-IRMCK182M_15 Datasheet
517Kb / 33P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
   Dual Motor High Performance Sensorless Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com