Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCK182M Datasheet(PDF) 11 Page - International Rectifier

Part # IRMCK182M
Description  High Performance Sensorless Motor Control IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK182M Datasheet(HTML) 11 Page - International Rectifier

Back Button IRMCK182M_15 Datasheet HTML 7Page - International Rectifier IRMCK182M_15 Datasheet HTML 8Page - International Rectifier IRMCK182M_15 Datasheet HTML 9Page - International Rectifier IRMCK182M_15 Datasheet HTML 10Page - International Rectifier IRMCK182M_15 Datasheet HTML 11Page - International Rectifier IRMCK182M_15 Datasheet HTML 12Page - International Rectifier IRMCK182M_15 Datasheet HTML 13Page - International Rectifier IRMCK182M_15 Datasheet HTML 14Page - International Rectifier IRMCK182M_15 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
IRMCK182
11 www.irf.com
© 2014 International Rectifier Submit Datasheet Feedback
May 28, 2014
4.2
Motion Peripheral Interface Group
PWM
PWMUH
Output, PWM phase U high side gate signal, internally pulled down by 58kΩ
PWMUL
Output, PWM phase U low side gate signal, internally pulled down by 58kΩ
PWMVH
Output, PWM phase V high side gate signal, internally pulled down by 58kΩ
PWMVL
Output, PWM phase
V low side gate signal, internally pulled down by 58kΩ
PWMWH
Output, PWM phase W high side gate signal, internally pulled down by 58kΩ
PWMWL
Output, PWM phase W low side gate signal, internally pulled down by 58kΩ
Fault
GATEKILL
Input, upon assertion, this negates all six PWM signals, active low, internally
pulled up by 70kΩ
4.3
Analog Interface Group
AVSS
Analog power return, (analog internal 1.8V power is shared with VDDCAP)
IFBU+
Input, Operational amplifier positive input for single or U-phase leg shunt resistor
current sensing
IFBU-
Input, Operational amplifier negative input for single or U-phase leg shunt shunt
resistor current sensing
IFBUO
Output, Operational amplifier output for single or U-phase leg shunt shunt
resistor current sensing
IFBV+
Input, Operational amplifier positive input for V-phase leg shunt resistor current
sensing
IFBV-
Input, Operational amplifier negative input for V-phase leg shunt shunt resistor
current sensing
IFBVO
Output, Operational amplifier output for V-phase leg shunt shunt resistor current
sensing
AIN0
Input, Analog input channel 0 (0 – 1.2V), typically configured for DC bus voltage
input
AIN1
Input, Analog input channel 1 (0 – 1.2V), needs to be pulled down to AVSS if
unused
4.4
Power Interface Group
VDD1
Digital power (3.3V)
VDDCAP
Internal 1.8V output, requires capacitors to the pin. Shared with analog power
pad internally
Note: The internal 1.8V supply is not designed to power any external circuits or
devices.
Only capacitors should be connected to this pin.
VSS
Digital common
4.5
Test Interface Group


Similar Part No. - IRMCK182M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
561Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
More results

Similar Description - IRMCK182M_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCF183 IRF-IRMCF183_15 Datasheet
812Kb / 31P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188_15 Datasheet
595Kb / 38P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171_15 Datasheet
561Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK171 IRF-IRMCK171 Datasheet
462Kb / 34P
   High Performance Sensorless Motor Control IC
IRMCF171 IRF-IRMCF171 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF588Q IRF-IRMCF588Q_15 Datasheet
610Kb / 37P
   Dual Motor High Performance Sensorless Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com