Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6164BESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6164BESA
Description  Precision, Micropower, Low-Dropout, High- Output-Current, SO-8 Voltage References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6164BESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6164BESA Datasheet HTML 3Page - Maxim Integrated Products MAX6164BESA Datasheet HTML 4Page - Maxim Integrated Products MAX6164BESA Datasheet HTML 5Page - Maxim Integrated Products MAX6164BESA Datasheet HTML 6Page - Maxim Integrated Products MAX6164BESA Datasheet HTML 7Page - Maxim Integrated Products MAX6164BESA Datasheet HTML 8Page - Maxim Integrated Products MAX6164BESA Datasheet HTML 9Page - Maxim Integrated Products MAX6164BESA Datasheet HTML 10Page - Maxim Integrated Products MAX6164BESA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Precision, Micropower, Low-Dropout, High-
Output-Current, SO-8 Voltage References
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—MAX6164 (VOUT = 4.096V)
(VIN = +5V, IOUT = 0, TA = TMIN to TMAX, unless otherwise specified. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX6164A
4.094
4.096
4.098
Output Voltage
VOUT
TA = +25°C
MAX6164B
4.091
4.096
4.101
V
MAX6164A
2
5
Output Voltage Temperature
Coefficient (Note 1)
TCVOUT
MAX6164B
4
10
ppm/
°C
Dropout Voltage (Note 3)
VIN - VOUT IOUT = 1mA
50
200
mV
Line Regulation
∆VOUT/
∆VIN
VOUT + 0.2V < VIN < 12.6V
140
300
µV/V
Sourcing: 0 < IOUT < 5mA
0.6
0.9
Load Regulation
∆VOUT/
∆IOUT
Sinking: -2mA < IOUT < 0
2.0
7.0
mV/mA
Short to GND
110
OUT Short-Circuit Current
ISC
Short to IN
25
mA
Long-Term Stability
∆VOUT/
time
1000hr at +25
°C80
ppm/
1000hr
Output Voltage Hysteresis
(Note 2)
∆VOUT/
cycle
80
ppm
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
50
µVp-p
Noise Voltage
eOUT
f = 10Hz to 10kHz
50
µVRMS
Ripple Rejection
VOUT/VIN
VIN = 5V ±100mV, f = 120Hz
72
dB
Turn-On Settling Time
tR
VOUT to 0.1% of final value, COUT = 50pF
190
µs
INPUT CHARACTERISTICS
Supply Voltage Range
VIN
Guaranteed by line-regulation test
VOUT + 0.2
12.6
V
Quiescent Supply Current
IIN
90
120
µA
Change in Supply Current
∆IIN/∆VIN VOUT + 0.2V < VIN < 12.6V
3.2
8.0
µA/V


Similar Part No. - MAX6164BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6164_ESA++ MAXIM-MAX6164_ESA+ Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
More results

Similar Description - MAX6164BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6161 MAXIM-MAX6161_V01 Datasheet
2Mb / 17P
   Precision, Micropower, Low-Dropout, High-Output-Current, SO-8 Voltage References
2008
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
logo
Analog Devices
ADR3625 AD-ADR3625_V01 Datasheet
3Mb / 26P
   Precision, Micropower, High Current Output Voltage References
Rev. A
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190_V01 Datasheet
263Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
2010
MAX6101 MAXIM-MAX6101 Datasheet
260Kb / 12P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 0; 1/00
MAX6100 MAXIM-MAX6100 Datasheet
326Kb / 14P
   Low-Cost, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 3; 3/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com