Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC32J24IRGZR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADC32J24IRGZR
Description  ADC32J2x Dual-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with JESD204B Interface
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC32J24IRGZR Datasheet(HTML) 3 Page - Texas Instruments

  ADC32J24IRGZR Datasheet HTML 1Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 2Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 3Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 4Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 5Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 6Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 7Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 8Page - Texas Instruments ADC32J24IRGZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 85 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
48
47
46
45
44
43
42
41
40
39
38
37
OVRB
NC
AVDD
NC
AVDD
AVDD
INAP
AVDD
INAM
GND Pad
(Back Side)
NC
PDN
AVDD
DVDD
NC
NC
NC
AVDD
AVDD
INBP
INBM
AVDD
OVRA
DVDD
AVDD
ADC32J22, ADC32J23, ADC32J24, ADC32J25
www.ti.com
SBAS668A – MAY 2014 – REVISED JUNE 2015
5 Device Comparison Table
RESOLUTION
INTERFACE
(Bits)
25 MSPS
50 MSPS
80 MSPS
125 MSPS
160 MSPS
12
ADC3221
ADC3222
ADC3223
ADC3224
Serial LVDS
14
ADC3241
ADC3242
ADC3243
ADC3244
12
ADC32J22
ADC32J23
ADC32J24
ADC32J25
JESD204B
14
ADC32J42
ADC32J43
ADC32J44
ADC32J45
6 Pin Configuration and Functions
RGZ Package
48-Pin VQFN
Top View
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC32J22 ADC32J23 ADC32J24 ADC32J25


Similar Part No. - ADC32J24IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZ25 TI1-ADC32J42IRGZ25 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZR TI1-ADC32J42IRGZR Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42IRGZT TI1-ADC32J42IRGZT Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
ADC32J42RGZT TI1-ADC32J42RGZT Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
More results

Similar Description - ADC32J24IRGZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC34J42 TI1-ADC34J42 Datasheet
6Mb / 90P
[Old version datasheet]   ADC34J4x Quad-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter with a JESD204B Interface
ADC34J22 TI1-ADC34J22 Datasheet
6Mb / 88P
[Old version datasheet]   Quad-Channel, 12-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converter
ADC32J42 TI1-ADC32J42 Datasheet
4Mb / 85P
[Old version datasheet]   Dual-Channel, 14-Bit, 50-MSPS to 160-MSPS, Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS42JB46 TI1-ADS42JB46 Datasheet
3Mb / 63P
[Old version datasheet]   Dual-Channel, 14-Bit, 160-MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
AD9234 AD-AD9234 Datasheet
1Mb / 66P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
AD9234 AD-AD9234_V01 Datasheet
1Mb / 72P
   12-Bit, 1 GSPS/500 MSPS JESD204B, Dual Analog-to-Digital Converter
Rev. B
logo
Texas Instruments
ADC16DV160 TI1-ADC16DV160_15 Datasheet
1Mb / 38P
[Old version datasheet]   160 MSPS Analog-to-Digital Converter
logo
Analog Devices
AD9697 AD-AD9697 Datasheet
1Mb / 130P
   14-Bit, 1300 MSPS, JESD204B, Analog-to-Digital Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com