Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRMCK343 Datasheet(PDF) 11 Page - International Rectifier

Part # IRMCK343
Description  Sensorless Motor Control IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCK343 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRMCK343 Datasheet HTML 7Page - International Rectifier IRMCK343 Datasheet HTML 8Page - International Rectifier IRMCK343 Datasheet HTML 9Page - International Rectifier IRMCK343 Datasheet HTML 10Page - International Rectifier IRMCK343 Datasheet HTML 11Page - International Rectifier IRMCK343 Datasheet HTML 12Page - International Rectifier IRMCK343 Datasheet HTML 13Page - International Rectifier IRMCK343 Datasheet HTML 14Page - International Rectifier IRMCK343 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
IRMCK343
www.irf.com
© 2007 International Rectifier
11
4.3
Analog Interface Group
AVDD
Analog power (1.8V)
AVSS
Analog power return
CMEXT
Unbuffered 0.6V, input to the AREF buffer, capacitor needs to be
connected.
AREF
0.6V buffered output
IFB+
Input, Operational amplifier positive input for shunt resistor current
sensing
IFB-
Input, Operational amplifier negative input for shunt resistor current
sensing
IFBO
Output, Operational amplifier output for shunt resistor current sensing
IPFC+
Input, Operational amplifier positive input for PFC current sensing
IPFC-
Input, Operational amplifier negative input for PFC current sensing
IPFO
Output, Operational amplifier output for PFC current sensing
VAC+
Input, Operational amplifier positive input for PFC AC voltage sensing
VAC-
Input, Operational amplifier negative input for PFC AC voltage sensing
VACO
Output, Operational amplifier output for PFC AC voltage sensing
AIN0
Input, Analog input channel 0 (0 – 1.2V), typically configured for DC bus
voltage input
AIN1
Input, analog input channel 1 (0 – 1.2V), needs to be pulled down to
AVSS if unused
4.4
Power Interface Group
VDD1
Digital power for I/O (3.3V)
VDD2
Digital power for core logic (1.8V)
VSS
Digital common
PLLVDD
PLL power (1.8V)
PLLVSS
PLL ground return
4.5
Test Interface Group
TSTMOD
Must be tied to VSS, used only for factory testing.
P5.3/TDI
Input, JTAG test data input
P5.1/TMS
Input, JTAG test mode select
TCK
Input, JTAG test clock
P5.2/TDO
Output, JTAG test data output


Similar Part No. - IRMCK343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK343 IRF-IRMCK343 Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
IRMCK343TR IRF-IRMCK343TR Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
IRMCK343TY IRF-IRMCK343TY Datasheet
659Kb / 35P
   Sensorless Motor Control IC for Appliances
More results

Similar Description - IRMCK343

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMCK341 IRF-IRMCK341_15 Datasheet
642Kb / 36P
   Sensorless Motor Control IC
IRMCK371 IRF-IRMCK371_15 Datasheet
562Kb / 33P
   Sensorless Motor Control IC
IRMCK341 IRF-IRMCK341 Datasheet
642Kb / 36P
   Sensorless Motor Control IC for Appliances
IRMCK371 IRF-IRMCK371 Datasheet
562Kb / 33P
   Sensorless Motor Control IC for Appliances
IRMCK099M IRF-IRMCK099M_15 Datasheet
737Kb / 29P
   High Performance Sensorless Motor Control IC
IRMCK311 IRF-IRMCK311_15 Datasheet
671Kb / 36P
   Dual Channel Sensorless Motor Control IC
IRMCF371 IRF-IRMCF371_07 Datasheet
582Kb / 30P
   Sensorless Motor Control IC for Appliances
IRMCF171 IRF-IRMCF171_15 Datasheet
447Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCK172M IRF-IRMCK172M_15 Datasheet
623Kb / 36P
   High Performance Sensorless Motor Control IC
IRMCF188 IRF-IRMCF188 Datasheet
916Kb / 38P
   High Performance Sensorless Motor Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com