Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6126AAUA50 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6126AAUA50
Description  Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6126AAUA50 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6126AAUA50 Datasheet HTML 3Page - Maxim Integrated Products MAX6126AAUA50 Datasheet HTML 4Page - Maxim Integrated Products MAX6126AAUA50 Datasheet HTML 5Page - Maxim Integrated Products MAX6126AAUA50 Datasheet HTML 6Page - Maxim Integrated Products MAX6126AAUA50 Datasheet HTML 7Page - Maxim Integrated Products MAX6126AAUA50 Datasheet HTML 8Page - Maxim Integrated Products MAX6126AAUA50 Datasheet HTML 9Page - Maxim Integrated Products MAX6126AAUA50 Datasheet HTML 10Page - Maxim Integrated Products MAX6126AAUA50 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Ultra-High-Precision, Ultra-Low-Noise,
Series Voltage Reference
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—MAX6126_50 (VOUT = 5.000V)
(VIN = 5.5V, CLOAD = 0.1µF, IOUT = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUT
Output Voltage
VOUT
TA = +25
°C
5.000
V
A grade SO
-0.02
+0.02
B grade SO
-0.06
+0.06
A grade µMAX
-0.06
+0.06
Output Voltage Accuracy
TA = +25
°C
B grade µMAX
-0.1
+0.1
%
A grade SO
0.5
3
B grade SO
1
5
A grade µMAX
1
3
TA = -40
°C to +85°C
B grade µMAX
2
7
A grade SO
1
5
B grade SO
2
10
A grade µMAX
2
5
Output Voltage Temperature
Coefficient (Note 1)
TCVOUT
TA = -40
°C to
+125
°C
B grade µMAX
3
12
ppm/
°C
TA = +25
°C3
40
Line Regulation
∆VOUT/
∆VIN
5.2V
≤ VIN ≤ 12.6V
TA = -40
°C to +125°C80
µV/V
Sourcing: 0
≤ IOUT ≤ 10mA
2.5
50
Load Regulation
∆VOUT/
∆IOUT
Sinking: -10mA
≤ IOUT ≤ 0
6.5
50
µV/mA
IOUT = 5mA
0.05
0.2
Dropout Voltage (Note 3)
VIN - VOUT
∆VOUT = 0.1%
IOUT = 10mA
0.1
0.4
V
Short to GND
160
OUT Short-Circuit Current
ISC
Short to IN
20
mA
SO
15
Thermal Hysteresis (Note 2)
∆VOUT/
cycle
µMAX
80
ppm
SO
20
Long-Term Stability
∆VOUT/
time
1000hr at TA = +25
°C
µMAX
100
ppm/
1000hr
DYNAMIC CHARACTERISTICS
f = 0.1Hz to 10Hz
2.85
µVP-P
f = 1kHz, CNR = 0
145
Noise Voltage
eOUT
f = 1kHz, CNR = 0.1µF
95
nV/
√Hz
Capacitive-Load Stability Range
CLOAD
No sustained oscillations
0.1 to 10
µF


Similar Part No. - MAX6126AAUA50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6126AASA21 MAXIM-MAX6126AASA21 Datasheet
299Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 5; 12/10
MAX6126AASA21++ MAXIM-MAX6126AASA21+ Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
More results

Similar Description - MAX6126AAUA50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6126 MAXIM-MAX6126_10 Datasheet
299Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 5; 12/10
MAX6226 MAXIM-MAX6226 Datasheet
844Kb / 11P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 1; 4/19
MAX6126 MAXIM-MAX6126_12 Datasheet
339Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 6; 8/12
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com