Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6126BAUA50 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6126BAUA50
Description  Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6126BAUA50 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6126BAUA50 Datasheet HTML 5Page - Maxim Integrated Products MAX6126BAUA50 Datasheet HTML 6Page - Maxim Integrated Products MAX6126BAUA50 Datasheet HTML 7Page - Maxim Integrated Products MAX6126BAUA50 Datasheet HTML 8Page - Maxim Integrated Products MAX6126BAUA50 Datasheet HTML 9Page - Maxim Integrated Products MAX6126BAUA50 Datasheet HTML 10Page - Maxim Integrated Products MAX6126BAUA50 Datasheet HTML 11Page - Maxim Integrated Products MAX6126BAUA50 Datasheet HTML 12Page - Maxim Integrated Products MAX6126BAUA50 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Operating Characteristics (continued)
(VIN = 5V for MAX6126_21/25/30/41, VIN = 5.5V for MAX6126_50, CLOAD = 0.1µF, IOUT = 0, TA = +25°C, unless otherwise specified.)
(Note 5)
Ultra-High-Precision, Ultra-Low-Noise,
Series Voltage Reference
_______________________________________________________________________________________
9
MAX6126A_50
OUTPUT VOLTAGE TEMPERATURE DRIFT
(VOUT = 5.000V) (
µMAX)
TEMPERATURE (
°C)
100
75
50
25
0
-25
5.000
4.999
5.001
5.002
4.998
-50
125
THREE TYPICAL PARTS
MAX6126_21
LOAD REGULATION
OUTPUT CURRENT (mA)
5
0
-5
2.0465
2.0470
2.0475
2.0480
2.0485
2.0460
-10
10
TA = +25
°C
TA = -40
°C
TA = +125
°C
MAX6126_50
LOAD REGULATION
OUTPUT CURRENT (mA)
5
0
-5
4.997
4.998
4.999
5.000
5.001
4.996
-10
10
TA = +25
°C
TA = -40
°C
TA = +125
°C
MAX6126_50
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
0.1
0.01
-100
-80
-60
-40
-20
0
-120
0.001
1000
MAX6126_21
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
12
10
8
6
4
2
100
200
300
400
500
600
0
014
TA = +25
°C
TA = -40
°C
TA = +125
°C
MAX6126_50
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
12
10
6
8
4
2
100
200
300
400
500
600
700
800
900
0
014
TA = +25
°C
TA = -40
°C
TA = +125
°C
MAX6126_25
DROPOUT VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
12
9
6
3
50
100
150
200
250
300
0
015
TA = +25
°C
TA = -40
°C
TA = +125
°C
MAX6126_50
DROPOUT VOLTAGE
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
12
9
6
3
50
100
150
200
250
0
015
TA = +25
°C
TA = -40
°C
TA = +125
°C
MAX6126_21
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
0.1
0.01
-100
-80
-60
-40
-20
0
-120
0.001
1000


Similar Part No. - MAX6126BAUA50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6126BASA21++ MAXIM-MAX6126BASA21+ Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
More results

Similar Description - MAX6126BAUA50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6226 MAXIM-MAX6226_V01 Datasheet
840Kb / 15P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2020
MAX6126 MAXIM-MAX6126_V01 Datasheet
3Mb / 28P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
2019
MAX6126 MAXIM-MAX6126_10 Datasheet
299Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 5; 12/10
MAX6226 MAXIM-MAX6226 Datasheet
844Kb / 11P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 1; 4/19
MAX6126 MAXIM-MAX6126_12 Datasheet
339Kb / 18P
   Ultra-High-Precision, Ultra-Low-Noise, Series Voltage Reference
Rev 6; 8/12
logo
Intersil Corporation
ISL21090 INTERSIL-ISL21090_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK_13 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
ISL21090 INTERSIL-ISL21090_12 Datasheet
1Mb / 17P
   Ultra Low Noise, Precision Voltage Reference
logo
Renesas Technology Corp
ISL21090 RENESAS-ISL21090 Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
logo
Intersil Corporation
ISL21090BFB812Z-TK INTERSIL-ISL21090BFB812Z-TK Datasheet
1Mb / 20P
   Ultra Low Noise, Precision Voltage Reference
February 27, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com