Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17575Q3 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD17575Q3
Description  CSD17575Q3 30-V N-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17575Q3 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17575Q3_15 Datasheet HTML 1Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 2Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 3Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 4Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 5Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 6Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 7Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 8Page - Texas Instruments CSD17575Q3_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
VGS - Gate-to- Source Voltage (V)
TC = 25°C,I D = 25A
TC = 125°C,I D = 25A
G001
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
50
55
Qg - Gate Charge (nC)
G001
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0095-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD17575Q3
SLPS489A – JUNE 2014 – REVISED AUGUST 2014
CSD17575Q3 30-V N-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low RDS(on)
VDS
Drain-to-Source Voltage
30
V
Low Thermal Resistance
Qg
Gate Charge Total (4.5V)
23
nC
Qgd
Gate Charge Gate-to-Drain
5.4
nC
Avalanche Rated
VGS = 4.5 V
2.6
Pb Free Terminal Plating
Drain-to-Source On-
RDS(on)
m
Resistance
VGS = 10 V
1.9
RoHS Compliant
Vth
Threshold Voltage
1.4
V
Halogen Free
SON 3.3 mm × 3.3 mm Plastic Package
.
Ordering Information(1)
2 Applications
Device
Media
Qty
Package
Ship
CSD17575Q3
13-Inch Reel
2500
Point of Load Synchronous Buck Converter for
SON 3.3 × 3.3 mm
Tape and
Plastic Package
Reel
CSD17575Q3T
13-Inch Reel
250
Applications in Networking, Telecom, and
Computing Systems
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Optimized for Synchronous FET Applications
Absolute Maximum Ratings
3 Description
TA = 25°C
VALUE
UNIT
This 1.9 m
Ω, 30 V, SON 3×3 NexFET™ power
VDS
Drain-to-Source Voltage
30
V
MOSFET is designed to minimize losses in power
VGS
Gate-to-Source Voltage
±20
V
conversion applications.
Continuous Drain Current (Package Limit)
60
Top View
Continuous Drain Current (Silicon Limit),
ID
182
A
TC = 25°C
Continuous Drain Current(1)
27
IDM
Pulsed Drain Current(2)
240
A
Power Dissipation(1)
2.8
PD
W
Power Dissipation, TC = 25°C
108
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
115
mJ
ID = 48, L = 0.1 mH, RG = 25 Ω
(1) Typical RθJA = 45°C/W on 1-inch
2 Cu (2 oz.) on 0.060-inch
thick FR4 PCB.
(2) Max RθJC = 1.5°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD17575Q3_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17575Q3 TI1-CSD17575Q3_16 Datasheet
450Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD17575Q3_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI-CSD17483F4 Datasheet
560Kb / 10P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFET
CSD17556Q5B TI1-CSD17556Q5B_16 Datasheet
843Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17318Q2 TI1-CSD17318Q2 Datasheet
344Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFET
CSD17570Q5B TI1-CSD17570Q5B_16 Datasheet
647Kb / 13P
[Old version datasheet]   30 V N-Channel NexFET Power MOSFET
CSD17507Q5A TI1-CSD17507Q5A Datasheet
415Kb / 14P
[Old version datasheet]   CSD17507Q5A 30-V N-Channel NexFET??Power MOSFET
CSD17570Q5B TI-CSD17570Q5B_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD17570Q5B 30 V N-Channel NexFET Power MOSFET
CSD17577Q3A TI-CSD17577Q3A_15 Datasheet
862Kb / 15P
[Old version datasheet]   CSD17577Q3A 30-V N-Channel NexFET Power MOSFET
CSD17577Q5A TI-CSD17577Q5A_15 Datasheet
885Kb / 15P
[Old version datasheet]   CSD17577Q5A 30-V N-Channel NexFET Power MOSFET
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com