Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6330 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6330
Description  Precision Shunt Regulators with Reset in SOT23-3
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6330 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6330 Datasheet HTML 1Page - Maxim Integrated Products MAX6330 Datasheet HTML 2Page - Maxim Integrated Products MAX6330 Datasheet HTML 3Page - Maxim Integrated Products MAX6330 Datasheet HTML 4Page - Maxim Integrated Products MAX6330 Datasheet HTML 5Page - Maxim Integrated Products MAX6330 Datasheet HTML 6Page - Maxim Integrated Products MAX6330 Datasheet HTML 7Page - Maxim Integrated Products MAX6330 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
________________General Description
The MAX6330/MAX6331 combine a precision shunt
regulator with a power-on reset function in a single
SOT23-3 package. They offer a low-cost method of
operating small microprocessor (µP)-based systems
from high-voltage sources, while simultaneously pro-
tecting µPs from power-up, power-down, and brownout
conditions.
Both active-low (MAX6330) and active-high (MAX6331)
push/pull output versions are available. The output
voltage has ±1.5% tolerance. The MAX6330/MAX6331
operate over a wide shunt current range from 100µA to
50mA, and offer very good transient immunity.
A 3-pin SOT23 package allows for a significant reduc-
tion in board space and improves reliability compared
to multiple-IC/discrete solutions. These devices have a
minimum order increment of 2,500 pieces.
________________________Applications
Controllers
Household Appliances
Intelligent Instruments
Critical µP and µC Power Monitoring
Portable/Size-Sensitive Equipment
Automotive
____________________________Features
o 100µA to 50mA Shunt Current Range
o Low Cost
o 3-Pin SOT23 Package
o ±1.5% Tolerance on Output Voltage
o Three Shunt Voltages Available: 5V, 3.3V, 3.0V
o Precision Power-On Reset Threshold:
1.5% Tolerance Available with Either
RESET (MAX6331) or RESET (MAX6330)
Outputs
o 140ms Reset Timeout Period—No External
Components Required
Precision Shunt Regulators with Reset
in SOT23-3
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
RESET
(RESET)
1
GND
( ) ARE FOR THE MAX6331
SHUNT
MAX6330
MAX6331
SOT23-3
2
3
___________________Pin Configuration
____________Typical Operating Circuit
MAX6330
MAX6331
SHUNT
VSHUNT
ISHUNT
ILOAD
VIN
RESET
(RESET)
RESET
INPUT
GND
VCC
CL
0.1
µF*
GND
µP
*SEE THE SECTION
CHOOSING THE BYPASS CAPACITOR (CL)
IIN
RS
19-1348; Rev 0; 4/98
PART*
MAX6330_UR-T
MAX6331_UR-T
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
3 SOT23-3
3 SOT23-3
_______________Ordering Information
*Insert the desired suffix letter (from the table below) into the
blank to complete the part number. These devices have a mini-
mum order increment of 2,500 pieces.
SUFFIX
L
T
3.06
4.63
RESET
THRESHOLD
(V)
EKAA
EMAA
3.3
5.0
SHUNT
REGULATOR
VOLTAGE (V)
SOT
TOP MARK
ELAA
ENAA
S
3.0
2.78
EDAA
EPAA
MAX6330 MAX6331


Similar Part No. - MAX6330

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6330 MAXIM-MAX6330 Datasheet
1Mb / 9P
   Precision Shunt Regulators with Reset in SOT23-3
2014
MAX6330-T MAXIM-MAX6330-T Datasheet
179Kb / 14P
   5-Pin uP Supervisory Circuits with Watchdog and Manual Reset
Rev 11; 2/13
MAX6330 MAXIM-MAX6330_05 Datasheet
223Kb / 8P
   Precision Shunt Regulators with Reset in SOT23-3
19-1348; Rev 1; 12/05
MAX6330_UR-T MAXIM-MAX6330_UR-T Datasheet
223Kb / 8P
   Precision Shunt Regulators with Reset in SOT23-3
19-1348; Rev 1; 12/05
MAX6330_UR-T MAXIM-MAX6330_UR-T Datasheet
1Mb / 9P
   Precision Shunt Regulators with Reset in SOT23-3
2014
More results

Similar Description - MAX6330

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6330 MAXIM-MAX6330_V01 Datasheet
1Mb / 9P
   Precision Shunt Regulators with Reset in SOT23-3
2014
MAX6330 MAXIM-MAX6330_05 Datasheet
223Kb / 8P
   Precision Shunt Regulators with Reset in SOT23-3
19-1348; Rev 1; 12/05
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com