Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17578Q5A Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD17578Q5A
Description  CSD17578Q5A 30 V N-Channel NexFET Power MOSFETs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD17578Q5A Datasheet(HTML) 1 Page - Texas Instruments

  CSD17578Q5A_15 Datasheet HTML 1Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 2Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 3Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 4Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 5Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 6Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 7Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 8Page - Texas Instruments CSD17578Q5A_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Qg - Gate Charge (nC)
0
3
6
9
12
15
18
0
2
4
6
8
10
D004
ID = 10 A
VDS = 15 V
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
12
14
16
18
20
0
4
8
12
16
20
24
28
D007
TC = 25°C, I D = 10 A
TC = 125°C, I D = 10 A
1
D
2
D
3
D
4
D
D
5
G
6
S
7
S
8
S
P0093-01
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD17578Q5A
SLPS526 – MARCH 2015
CSD17578Q5A 30 V N-Channel NexFET™ Power MOSFETs
1 Features
Product Summary
1
Low Qg and Qgd
TA = 25°C
TYPICAL VALUE
UNIT
Low RDS(on)
VDS
Drain-to-Source Voltage
30
V
Low Thermal Resistance
Qg
Gate Charge Total (4.5 V)
7.9
nC
Qgd
Gate Charge Gate-to-Drain
2.0
nC
Avalanche Rated
VGS = 4.5 V
7.9
m
Pb-Free Terminal Plating
RDS(on)
Drain-to-Source On-Resistance
VGS = 10 V
5.9
m
RoHS Compliant
VGS(th)
Threshold Voltage
1.5
V
Halogen Free
SON 5 mm × 6 mm Plastic Package
.
Ordering Information(1)
2 Applications
Device
Media
Qty
Package
Ship
CSD17578Q5A
13-Inch Reel
2500
Point-of-Load Synchronous Buck Converter for
SON 5 x 6 mm
Tape and
Plastic Package
Reel
CSD17578Q5AT
7-Inch Reel
250
Applications in Networking, Telecom, and
Computing Systems
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Optimized for Control FET Applications
Absolute Maximum Ratings
3 Description
TA = 25°C
VALUE
UNIT
This 30 V, 5.9 m
Ω, SON 5 mm x 6 mm NexFET™
VDS
Drain-to-Source Voltage
30
V
power MOSFET is designed to minimize losses in
VGS
Gate-to-Source Voltage
±20
V
power conversion applications.
Continuous Drain Current (Package limited)
25
Top View
Continuous Drain Current (Silicon limited),
ID
59
A
TC = 25°C
Continuous Drain Current(1)
16
IDM
Pulsed Drain Current(2)
132
A
Power Dissipation(1)
3.1
PD
W
Power Dissipation, TC = 25°C
42
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Avalanche Energy, single pulse
EAS
23
mJ
ID = 22 A, L = 0.1 mH
(1) Typical RθJA = 40°C/W on a 1 inch
2, 2 oz. Cu pad on a 0.06
.
inch thick FR4 PCB.
.
(2) Max RθJC = 3.8°C/W, pulse duration ≤100 μs, duty cycle ≤1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD17578Q5A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17578Q5A TI1-CSD17578Q5A_16 Datasheet
354Kb / 13P
[Old version datasheet]   30V N-Channel NexFET Power MOSFETs
More results

Similar Description - CSD17578Q5A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17551Q3A TI-CSD17551Q3A Datasheet
1Mb / 12P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD87503Q3E TI1-CSD87503Q3E Datasheet
485Kb / 12P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17381F4 TI-CSD17381F4 Datasheet
1Mb / 11P
[Old version datasheet]   30-V, N-Channel NexFET??Power MOSFETs
CSD17552Q5A TI-CSD17552Q5A Datasheet
737Kb / 11P
[Old version datasheet]   30-V, N-Channel NexFET Power MOSFETs
CSD17581Q3A TI1-CSD17581Q3A Datasheet
380Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD17308Q3 TI1-CSD17308Q3_15 Datasheet
412Kb / 13P
[Old version datasheet]   30-V N-Channel NexFET Power MOSFETs
CSD87313DMS TI1-CSD87313DMS Datasheet
1Mb / 16P
[Old version datasheet]   30-V Dual N-Channel NexFET Power MOSFETs
CSD17573Q5B TI-CSD17573Q5B_15 Datasheet
973Kb / 15P
[Old version datasheet]   CSD17573Q5B 30 V N-Channel NexFET Power MOSFETs
CSD17578Q3A TI-CSD17578Q3A_15 Datasheet
955Kb / 15P
[Old version datasheet]   CSD17578Q3A 30 V N-Channel NexFET Power MOSFETs
CSD17579Q5A TI-CSD17579Q5A_15 Datasheet
861Kb / 15P
[Old version datasheet]   CSD17579Q5A 30 V N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com