Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3000GB0A0 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # TS3000GB0A0
Description  Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TS3000GB0A0 Datasheet(HTML) 5 Page - Integrated Device Technology

  TS3000GB0A0 Datasheet HTML 1Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 2Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 3Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 4Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 5Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 6Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 7Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 8Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5 of 25
November 4, 2014
IDT
DC Characteristics
Parameter
Symbol
Conditions
Min.
Max.
Units
Input Leakage Current
ILI
VIN = VSS or VDD
±1
A
Output Leakage Current
ILO
VOUT = VSS or VDD,
SDA in Hi-Z
±1
A
Supply Current, temp sensor active
IDD
VDDSPD = 1.8 V, fC = 100 kHz
(rise/fall time < 30 ns)
500
A
Standby(Shutdown) Supply Current
IDD1
VIN = VSS or VDD,
VDD= 1.9 V
40
A
Input Low Voltage (SCL, SDA)
VIL
-0.5
0.3*VDD
V
Input High Voltage (SCL, SDA)
VIH
0.7* VDD
VDD +1
V
SA0 High Voltage
VHV
VHV - VDD > 4.8 V
7
10
V
Output Low Voltage
VOL
IOL = 2.1 mA,
1.7V =< VDD =< 1.9 V
0.4
V
IOL = 0.7 mA,
VDD = 1.7 - 1.9V
0.2
V
Input hysteresis
VHYST
VDD> 2.2V
0.05
*VDD
__
V


Similar Part No. - TS3000GB0A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TS3000GB0A0 RENESAS-TS3000GB0A0 Datasheet
884Kb / 26P
   1.8V Local Temperature Sensor
November 4, 2014
TS3000GB0A0NCG8 RENESAS-TS3000GB0A0NCG8 Datasheet
884Kb / 26P
   1.8V Local Temperature Sensor
November 4, 2014
More results

Similar Description - TS3000GB0A0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com