Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3000GB0A0 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # TS3000GB0A0
Description  Temperature Sensor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

TS3000GB0A0 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button TS3000GB0A0 Datasheet HTML 4Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 5Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 6Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 7Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 8Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 9Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 10Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 11Page - Integrated Device Technology TS3000GB0A0 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8 of 25
November 4, 2014
IDT
Pin Assignment
Pin Description
Pin Functional Descriptions
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this signal is used by slave devices to synchronize the bus
to a slower clock, the bus master must have an open drain output, and a pull-up resistor can be connected from Serial Clock (SCL) to VDD. (refer to
the Maximum RL Value vs. Bus Capacitance figure on how the value of the pull-up resistor can be calculated). In most applications, though, this
method of synchronization is not employed, and so the pull-up resistor is not necessary, provided that the bus master has a push-pull (rather than
open drain) output.
Serial Data (SDA)
This bi-directional signal is used to transfer data in or out of the device. It is an open drain output that may be wire-ORed with other open drain or
open collector signals on the bus. A pull up resistor must be connected from Serial Data (SDA) to the most positive VDD in the I2C chain. (refer to the
Maximum RL Value vs. Bus Capacitance figure on how the value of the pull-up resistor can be calculated).
Pin #
Pin Name
Definition
1
SA0
Select Address 0
2
SA1
Select Address 1
3
SA2
Select Address 2
4VSS
Ground
5SDA
Serial Data In
6
SCL
Serial Clock In
7
EVENT
Temperature Event Out
8VDD
Supply Voltage
SA0
SA1
SA2
VSS
VDD
EVENT
SCL
SDA
2
4
1
3
5
7
6
8
SA0
SA1
SA2
VSS
VDD
EVENT
SCL
SDA
2
4
1
3
5
7
6
8
SA0
SA1
SA2
VSS
VDD
EVENT
SCL
SDA
2
4
1
3
5
7
6
8


Similar Part No. - TS3000GB0A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TS3000GB0A0 RENESAS-TS3000GB0A0 Datasheet
884Kb / 26P
   1.8V Local Temperature Sensor
November 4, 2014
TS3000GB0A0NCG8 RENESAS-TS3000GB0A0NCG8 Datasheet
884Kb / 26P
   1.8V Local Temperature Sensor
November 4, 2014
More results

Similar Description - TS3000GB0A0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP431 TI1-TMP431 Datasheet
1Mb / 47P
[Old version datasheet]   Temperature Sensor
logo
Diodes Incorporated
ZNI1000 DIODES-ZNI1000 Datasheet
165Kb / 6P
   Temperature sensor
logo
TE Connectivity Ltd
RTD TEC-RTD Datasheet
118Kb / 3P
   Temperature Sensor
logo
Texas Instruments
TMP435 TI1-TMP435 Datasheet
810Kb / 33P
[Old version datasheet]   TEMPERATURE SENSOR
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000_06 Datasheet
107Kb / 5P
   TEMPERATURE SENSOR
logo
Analog Devices
AD7291 AD-AD7291_17 Datasheet
572Kb / 29P
   Temperature Sensor
logo
Thinking Electronic Ind...
PTLS2101RP416 THINKING-PTLS2101RP416 Datasheet
420Kb / 7P
   Temperature Sensor
logo
TRACO Electronic AG
TSP-TS TRACOPOWER-TSP-TS Datasheet
230Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
TBL-BC-TS1 TRACOPOWER-TBL-BC-TS1 Datasheet
219Kb / 1P
   Temperature Sensor
Rev. June 30, 2021
logo
Zetex Semiconductors
ZNI1000 ZETEX-ZNI1000 Datasheet
117Kb / 3P
   TEMPERATURE SENSOR
logo
Integrated Device Techn...
TS3001GB2A0 IDT-TS3001GB2A0 Datasheet
523Kb / 23P
   Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com