Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSH205G2 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. BSH205G2
Description  20 V, P-channel Trench MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH205G2 Datasheet(HTML) 1 Page - NXP Semiconductors

  BSH205G2_15 Datasheet HTML 1Page - NXP Semiconductors BSH205G2_15 Datasheet HTML 2Page - NXP Semiconductors BSH205G2_15 Datasheet HTML 3Page - NXP Semiconductors BSH205G2_15 Datasheet HTML 4Page - NXP Semiconductors BSH205G2_15 Datasheet HTML 5Page - NXP Semiconductors BSH205G2_15 Datasheet HTML 6Page - NXP Semiconductors BSH205G2_15 Datasheet HTML 7Page - NXP Semiconductors BSH205G2_15 Datasheet HTML 8Page - NXP Semiconductors BSH205G2_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BSH205G2
20 V, P-channel Trench MOSFET
29 April 2015
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
P-channel enhancement mode Field-Effect Transistor (FET) in a small SOT23
(TO-236AB) Surface-Mounted Device (SMD) plastic package using Trench MOSFET
technology.
2. Features and benefits
Low threshold voltage
Low on-state resistance
Trench MOSFET technology
Enhanced power dissipation capability of 890 mW
AEC-Q101 qualified
3. Applications
Relay driver
High-speed line driver
High-side loadswitch
Switching circuits
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
-
-
-20
V
VGS
gate-source voltage
Tj = 25 °C
-8
-
8
V
ID
drain current
VGS = -4.5 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-
-2.3
A
Static characteristics
RDSon
drain-source on-state
resistance
VGS = -4.5 V; ID = -2 A; Tj = 25 °C
-
120
170
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 6 cm2.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn