Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD19536KTT Datasheet(PDF) 2 Page - Texas Instruments

Part # CSD19536KTT
Description  CSD19536KTT 100 V N-Channel NexFET Power MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD19536KTT Datasheet(HTML) 2 Page - Texas Instruments

  CSD19536KTT_15 Datasheet HTML 1Page - Texas Instruments CSD19536KTT_15 Datasheet HTML 2Page - Texas Instruments CSD19536KTT_15 Datasheet HTML 3Page - Texas Instruments CSD19536KTT_15 Datasheet HTML 4Page - Texas Instruments CSD19536KTT_15 Datasheet HTML 5Page - Texas Instruments CSD19536KTT_15 Datasheet HTML 6Page - Texas Instruments CSD19536KTT_15 Datasheet HTML 7Page - Texas Instruments CSD19536KTT_15 Datasheet HTML 8Page - Texas Instruments CSD19536KTT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
CSD19536KTT
SLPS540A – MARCH 2015 – REVISED MAY 2015
www.ti.com
Table of Contents
6.1
Community Resources.............................................. 7
1
Features .................................................................. 1
6.2
Trademarks ............................................................... 7
2
Applications ........................................................... 1
6.3
Electrostatic Discharge Caution ................................ 7
3
Description ............................................................. 1
6.4
Glossary .................................................................... 7
4
Revision History..................................................... 2
7
Mechanical, Packaging, and Orderable
5
Specifications......................................................... 3
Information ............................................................. 8
5.1
Electrical Characteristics........................................... 3
7.1
KTT Package Dimensions ........................................ 8
5.2
Thermal Information .................................................. 3
7.2
Recommended PCB Pattern..................................... 9
5.3
Typical MOSFET Characteristics .............................. 4
7.3
Recommended Stencil Opening ............................... 9
6
Device and Documentation Support.................... 7
4 Revision History
Changes from Original (March 2015) to Revision A
Page
Added Community Resources ............................................................................................................................................... 7
Added PCB and stencil drawings in Mechanical, Packaging, and Orderable Information .................................................... 8
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: CSD19536KTT


Similar Part No. - CSD19536KTT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19536KTTT TI1-CSD19536KTTT Datasheet
882Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
More results

Similar Description - CSD19536KTT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET??Power MOSFET
CSD19538Q3A TI1-CSD19538Q3A Datasheet
348Kb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFET
CSD19536KCS TI1-CSD19536KCS Datasheet
467Kb / 10P
[Old version datasheet]   CSD19536KCS, 100 V N-Channel NexFET Power MOSFET
CSD19537Q3 TI-CSD19537Q3_15 Datasheet
478Kb / 13P
[Old version datasheet]   CSD19537Q3 100 V N-Channel NexFET Power MOSFET
CSD19534KCS TI-CSD19534KCS_15 Datasheet
300Kb / 12P
[Old version datasheet]   CSD19534KCS 100 V N-Channel NexFET Power MOSFET
CSD19535KCS TI1-CSD19535KCS Datasheet
804Kb / 10P
[Old version datasheet]   CSD19535KCS, 100 V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A Datasheet
1Mb / 13P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD18511KTT TI1-CSD18511KTT Datasheet
377Kb / 11P
[Old version datasheet]   40-V N-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com