Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5242 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME5242
Description  40V CC/CV Buck Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5242 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME5242 Datasheet HTML 6Page - Analog Microelectronics AME5242 Datasheet HTML 7Page - Analog Microelectronics AME5242 Datasheet HTML 8Page - Analog Microelectronics AME5242 Datasheet HTML 9Page - Analog Microelectronics AME5242 Datasheet HTML 10Page - Analog Microelectronics AME5242 Datasheet HTML 11Page - Analog Microelectronics AME5242 Datasheet HTML 12Page - Analog Microelectronics AME5242 Datasheet HTML 13Page - Analog Microelectronics AME5242 Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AME
10
AME5242
Rev.A.02
40V CC/CV Buck Converter
n
Radiated EMI Data (Vertical)
n
Radiated EMI Data (Horizontal)


Similar Part No. - AME5242

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5244 AME-AME5244 Datasheet
875Kb / 15P
   40V CC/CV Buck Converter
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
More results

Similar Description - AME5242

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5244 AME-AME5244 Datasheet
875Kb / 15P
   40V CC/CV Buck Converter
logo
Major-Power Technology ...
MA5625 MPOWER-MA5625 Datasheet
166Kb / 2P
   40V Synchronous Buck Converter with 2ch CC/CV
logo
Active-Semi, Inc
ACT4526 ACTIVE-SEMI-ACT4526 Datasheet
1Mb / 13P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 1.2, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527 Datasheet
614Kb / 13P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 1, December 28th, 2015
ACT4527 ACTIVE-SEMI-ACT4527_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
logo
Major-Power Technology ...
MA5640 MPOWER-MA5640 Datasheet
220Kb / 2P
   40V, 4A Synchronous Buck Converter with CC/CV MODE
Rev1.0
logo
Active-Semi, Inc
EA4526YH ACTIVE-SEMI-EA4526YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
EA4527YH ACTIVE-SEMI-EA4527YH Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring USB-PD
Rev 2, 06-Jan-2017
ACT4526 ACTIVE-SEMI-ACT4526_17 Datasheet
1Mb / 14P
   40V/3.0A CV/CC Buck Converter Featuring QC2.0 Certified
Rev 2, 06-Jan-2017
ACT4525 ACTIVE-SEMI-ACT4525 Datasheet
1Mb / 11P
   40V/3.5A CV/CC Buck Converter with USB Auto ?밆etect
Rev 1.1, December 17th, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com