Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6354 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6354
Description  Dual/Triple-Voltage 關P Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6354 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6354 Datasheet HTML 1Page - Maxim Integrated Products MAX6354 Datasheet HTML 2Page - Maxim Integrated Products MAX6354 Datasheet HTML 3Page - Maxim Integrated Products MAX6354 Datasheet HTML 4Page - Maxim Integrated Products MAX6354 Datasheet HTML 5Page - Maxim Integrated Products MAX6354 Datasheet HTML 6Page - Maxim Integrated Products MAX6354 Datasheet HTML 7Page - Maxim Integrated Products MAX6354 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX6351–MAX6360 microprocessor (µP) supervi-
sors with multiple reset voltages significantly improve
system reliability and accuracy compared to separate
ICs or discrete components. If any input supply voltage
drops below its associated preset threshold, all reset
outputs are asserted. In addition, the output(s) is valid
as long as either input supply voltage remains greater
than +1.0V.
All devices in this series have an active-low debounced
manual reset input. In addition, the MAX6358/MAX6359/
MAX6360 offer a watchdog timer input with a 46.4sec
start-up timeout period and a 2.9sec timeout period.
The MAX6355/MAX6356/MAX6357 offer an additional
voltage monitor input to monitor a third voltage.
The MAX6351 features both 3V and 5V active-low push-
pull reset outputs. The MAX6353/MAX6356/MAX6359
offer a 5V active-low push-pull reset. The MAX6354/
MAX6357/MAX6360 offer a 3V active-low push-pull
reset. The MAX6352/MAX6355/MAX6358’s reset is
active-low open-drain.
All of these devices are offered with a wide variety of
voltage threshold levels, as shown in the
Voltage
Threshold Levels table below. They are available in 5-
and 6-pin SOT23 packages and operate over the
extended (-40°C to +85°C) temperature range.
Applications
Computers
Intelligent Instruments
Controllers
Multivoltage Systems
Portable/Battery-Powered
Equipment
Features
o Precision Monitoring of Multiple +2.5V, +3.0V,
+3.3V, and +5V Power-Supply Voltages
o Precision Factory-Set Power-Supply
Reset Thresholds
o 20µA Supply Current
o 100ms min Power-On Reset Pulse Width
o Fully Guaranteed Over Temperature
o Guaranteed RESET Valid to VCC5 = 1V or
VCC3 = 1V
o Power-Supply Transient Immunity
o No External Components for Dual-Voltage
Systems
o Small 5- and 6-Pin SOT23 Packages
o Debounced TTL/CMOS-Compatible
Manual-Reset Input
o Watchdog Timer
46.4sec Start-Up Timeout
2.9sec Normal Timeout
o Low Cost
Dual/Triple-Voltage
µP Supervisory Circuits
________________________________________________________________
Maxim Integrated Products
1
19-1508; Rev 1; 10/99
*
The _ _ are placeholders for the threshold voltage levels of the
devices. Substitute the part number suffix in the Voltage
Threshold Levels table for the desired voltage level. There are
two standard versions for each of the above part numbers. All
devices are available in tape-and-reel only.
Ordering Information
PART*
MAX6351_ _UT-T
MAX6352_ _UK-T
MAX6353_ _UK-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
6 SOT23-6
5 SOT23-5
5 SOT23-5
MAX6354_ _UK-T
MAX6355_ _UT-T
MAX6356_ _UT-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
5 SOT23-5
6 SOT23-6
6 SOT23-6
MAX6357_ _UT-T
MAX6358_ _UT-T
MAX6359_ _UT-T
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
6 SOT23-6
6 SOT23-6
6 SOT23-6
MAX6360_ _UT-T
-40°C to +85°C
6 SOT23-6
PART NO.
SUFFIX
(_ _)
VCC5 NOMINAL
VOLTAGE
THRESHOLD (V)
VCC3 NOMINAL
VOLTAGE
THRESHOLD (V)
LT
4.63
3.08
LS
LR
4.63
2.63
4.63
2.93
MT
MS
4.38
2.93
MR
4.38
3.08
TY
3.08
2.19
4.38
2.63
SY
2.93
2.19
Note: Standard versions are shown in bold and have a required
order increment of 2500 pieces. Sample stock is generally held on
the standard versions only. The required order increment for non-
standard versions is 10,000 pieces. Contact factory for availability.
__________Voltage Threshold Levels
Pin Configurations appear at end of data sheet.
Selector Guide appears at end of data sheet.


Similar Part No. - MAX6354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6354 MAXIM-MAX6354 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6354__UK-T MAXIM-MAX6354__UK-T Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6354__UK-T MAXIM-MAX6354__UK-T Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
More results

Similar Description - MAX6354

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
   Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
MAX6715 MAXIM-MAX6715 Datasheet
418Kb / 19P
   Dual/Triple Ultra-Low-Voltage SOT23 關P Supervisory Circuits
Rev 3; 6/03
MAX6730 MAXIM-MAX6730_09 Datasheet
205Kb / 15P
   Single-/Dual-/Triple-Voltage 關P Supervisory Circuits with Independent Watchdog Output
Rev 5; 3/09
MAX6355TZUT-T MAXIM-MAX6355TZUT-T Datasheet
328Kb / 11P
   Dual/Triple-Voltage μP Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
   關P Supervisory Circuits
logo
Catalyst Semiconductor
CAT705 CATALYST-CAT705 Datasheet
229Kb / 14P
   關P Supervisory Circuits
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
   關P Supervisory Circuits
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
   關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com