Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2301 Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2301
Description  HIGH AND LOW SIDE DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2301 Datasheet(HTML) 5 Page - International Rectifier

  IRS2301 Datasheet HTML 1Page - International Rectifier IRS2301 Datasheet HTML 2Page - International Rectifier IRS2301 Datasheet HTML 3Page - International Rectifier IRS2301 Datasheet HTML 4Page - International Rectifier IRS2301 Datasheet HTML 5Page - International Rectifier IRS2301 Datasheet HTML 6Page - International Rectifier IRS2301 Datasheet HTML 7Page - International Rectifier IRS2301 Datasheet HTML 8Page - International Rectifier IRS2301 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
IRS2301S
www.irf.com
© 2009 International Rectifier
5
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Recommended Operating Conditions
The input/output logic timing diagram is shown in Fig. 1. For proper operation the device should be used within
the recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
†:
Logic operational for VS of -5 V to +600 V. Logic state held for VS of -5 V to – VBS.
(Please refer to the Design Tip DT97 -3 for more details).
Symbol
Definition
Min.
Max.
Units
VB
High-side floating absolute voltage
-0.3
625
VS
High-side floating supply offset voltage
VB - 25
VB + 0.3
VHO
High-side floating output voltage
VS - 0.3
VB + 0.3
VCC
Low-side and logic fixed supply voltage
-0.3
25
VLO
Low-side output voltage
-0.3
VCC + 0.3
VIN
Logic input voltage (HIN & LIN)
COM -0.3
VCC + 0.3
V
dVS/dt
Allowable offset supply voltage transient
50
V/ns
PD
Package power dissipation @ TA ≤ 25°C
0.625
W
RthJA
Thermal resistance, junction to ambient
200
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-50
150
TL
Lead temperature (soldering, 10 seconds)
300
°C
Symbol
Definition
Min.
Max.
Units
VB
High-side floating supply absolute voltage
VS + 5
VS + 20
VS
High-side floating supply offset voltage
† 1
600
VHO
High-side floating output voltage
VS
VB
VCC
Low-side and logic fixed supply voltage
5
20
VLO
Low-side output voltage
0
VCC
VIN
Logic input voltage (HIN & LIN)
COM
VCC
V
TA
Ambient temperature
-40
125
°C


Similar Part No. - IRS2301

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301 IRF-IRS2301 Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
IRS2301PBF IRF-IRS2301PBF Datasheet
554Kb / 25P
   HALF-BRIDGE DRIVER
IRS2301S IRF-IRS2301S Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
IRS2301S INFINEON-IRS2301S Datasheet
325Kb / 15P
   HIGH AND LOW SIDE DRIVER
September 30, 2009 Datasheet No-PD 97421
logo
International Rectifier
IRS2301SPBF IRF-IRS2301SPBF Datasheet
396Kb / 15P
   Floating channel designed for bootstrap operation
More results

Similar Description - IRS2301

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com