Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5251A Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME5251A
Description  Dual 1A, 1.5MHz Synchronous Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5251A Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5251A Datasheet HTML 4Page - Analog Microelectronics AME5251A Datasheet HTML 5Page - Analog Microelectronics AME5251A Datasheet HTML 6Page - Analog Microelectronics AME5251A Datasheet HTML 7Page - Analog Microelectronics AME5251A Datasheet HTML 8Page - Analog Microelectronics AME5251A Datasheet HTML 9Page - Analog Microelectronics AME5251A Datasheet HTML 10Page - Analog Microelectronics AME5251A Datasheet HTML 11Page - Analog Microelectronics AME5251A Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AME
8
Dual 1A, 1.5MHz Synchronous
Step-Down Converter
AME5251A
Rev.A.04
This formula has a maximum at V
IN=2VOUT, where
IRMS=I
OUT/2. This simple worst-case condition is com-
monly used for design because even significant devia-
tions do not offer much relief. Note that the capacitor
manufacturer ripple current ratings are often based on
2000 hours of life. This makes it advisable to further
derate the capacitor, or choose a capacitor rated at a
higher temperature than required.
The selection of C
OUT is determined by the effective
series resistance(ESR) that is required to minimize volt-
age ripple and load step transients. The output ripple,
V
OUT, is determined by:
Using Ceramic Input and Output Capacitors
Higher values, lower cost ceramic capacitors are now
becoming available in smaller case sizes. Their high
ripple current, high voltage rating and low ESR make them
ideal for switching regulator applications. However, care
must be taken when these capacitors are used at the
input and output. When a ceramic capacitor is used at
the input and the power is supplied by a wall adapter
through long wires, a load step at the output can induce
ringing at the input, V
IN. At best, this ringing can couple
to the output and be mistaken as loop instability. At worst,
a sudden inrush of current through the long wires can
potentially cause a voltage spike at V
IN large enough to
damage the part.
Output Voltage Programming
The output voltage is set by an external resistive di-
vider according to the following equation:
Where VREF equals to 0.6V typical. The resistive di-
vider allows the FB pin to sense a fraction of the output
voltage as shown in Figure 1.
+
OUT
L
OUT
fC
ESR
I
V
8
1
+
×
=
2
1
1
R
R
V
V
REF
OUT
AME5251 A
FB
GND
R1
R2
0.6V VOUT 5.5V
Figure 1: Setting the AME5251A Output Voltage
Thermal Considerations
In most applications the AME5251A does not dissi-
pate much heat due to its high efficiency. But, in appli-
cations where the AME5251A is running at high ambient
temperature with low supply voltage and high duty cycles,
such as in dropout, the heat dissipated may exceed the
maximum junction temperature of the part. If the junction
temperature reaches approximately 160OC, both power
switches will be turned off and the SW node will become
high impedance. To avoid the AME5251A from exceed-
ing the maximum junction temperature, the user will need
to do some thermal analysis. The goal of the thermal
analysis is to determine whether the power dissipated
exceeds the maximum junction temperature of the part.
The temperature rise is given by:
Where PD is the power dissipated by the regulator and
θ
JA is the thermal resistance from the junction of the die
to the ambient temperature.
( )( )
JA
R
PD
T
θ
=


Similar Part No. - AME5251A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results

Similar Description - AME5251A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253 AME-AME5253 Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com