Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5253 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME5253
Description  1A, 1.5MHz Synchronous Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5253 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME5253 Datasheet HTML 6Page - Analog Microelectronics AME5253 Datasheet HTML 7Page - Analog Microelectronics AME5253 Datasheet HTML 8Page - Analog Microelectronics AME5253 Datasheet HTML 9Page - Analog Microelectronics AME5253 Datasheet HTML 10Page - Analog Microelectronics AME5253 Datasheet HTML 11Page - Analog Microelectronics AME5253 Datasheet HTML 12Page - Analog Microelectronics AME5253 Datasheet HTML 13Page - Analog Microelectronics AME5253 Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AME
10
1A, 1.5MHz Synchronous
Step-Down Converter
AME5253
Rev.A.04
Figure 9: AME5253 Adjustable Voltage
Regulator Layout Diagram
PC Board Layout Checklist
When laying out the printed circuit board, the following checklist should be used to ensure proper operation of the
AME5253. These items are also illustrated graphically in Figures 9. Check the following in your layout:
1. The power traces, consisting of the GND trace, the SW trace and the V
IN trace should be kept short, direct and wide.
2. Does the V
FB pin connect directly to the feedback resistors? The resistive divider R2/R1 must be connected between
the (+) plate of C
OUT and ground.
3. Does the (+) plate of CIN connect to V
IN as closely as possible? This capacitor provides the AC current to the internal
power MOSFETs.
4. Keep the switching node, SW, away from the sensitive V
FB node.
5. Keep the (-) plates of C
IN and COUT as close as possible.
R2
R1
L1
CFWD
AME5253
IN
EN
GND
SW
FB
VOUT
COUT
CFWD: 22pF~220 pF
CIN
VIN


Similar Part No. - AME5253

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
More results

Similar Description - AME5253

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5253A AME-AME5253A Datasheet
615Kb / 18P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
   Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com