Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6314US30D1-T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6314US30D1-T
Description  68HC11/Bidirectional-Compatible 關P Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6314US30D1-T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6314US30D1-T Datasheet HTML 1Page - Maxim Integrated Products MAX6314US30D1-T Datasheet HTML 2Page - Maxim Integrated Products MAX6314US30D1-T Datasheet HTML 3Page - Maxim Integrated Products MAX6314US30D1-T Datasheet HTML 4Page - Maxim Integrated Products MAX6314US30D1-T Datasheet HTML 5Page - Maxim Integrated Products MAX6314US30D1-T Datasheet HTML 6Page - Maxim Integrated Products MAX6314US30D1-T Datasheet HTML 7Page - Maxim Integrated Products MAX6314US30D1-T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
68HC11/Bidirectional-Compatible
µP Reset Circuit
_______________________________________________________________________________________
5
_______________Detailed Description
The MAX6314 has a reset output consisting of a 4.7k
pull-up resistor in parallel with a P-channel transistor
and an N-channel pull down (Figure 1), allowing this IC
to directly interface with microprocessors (µPs) that
have bidirectional reset pins (see the
Reset Output
section).
Reset Output
A µP’s reset input starts the µP in a known state. The
MAX6314 asserts reset to prevent code-execution
errors during power-up, power-down, or brownout
conditions. RESET is guaranteed to be a logic low for
VCC > 1V (see the Electrical Characteristics). Once
VCC exceeds the reset threshold, the internal timer
keeps reset asserted for the reset timeout period (tRP);
after this interval RESET goes high. If a brownout condi-
tion occurs (monitored voltage dips below its pro-
grammed reset threshold), RESET goes low. Any time
VCC dips below the reset threshold, the internal timer
resets to zero and RESET goes low. The internal timer
starts when VCC returns above the reset threshold, and
RESET remains low for the reset timeout period.
The MAX6314’s RESET output is designed to interface
with µPs that have bidirectional reset pins, such as the
Motorola 68HC11. Like an open-drain output, the
MAX6314 allows the µP or other devices to pull RESET
low and assert a reset condition. However, unlike a
standard open-drain output, it includes the commonly
specified 4.7k
Ω pull-up resistor with a P-channel active
pull-up in parallel.
This configuration allows the MAX6314 to solve a prob-
lem associated with µPs that have bidirectional reset
pins in systems where several devices connect to
RESET. These µPs can often determine if a reset was
asserted by an external device (i.e., the supervisor IC)
or by the µP itself (due to a watchdog fault, clock error,
or other source), and then jump to a vector appropriate
for the source of the reset. However, if the µP does
assert reset, it does not retain the information, but must
determine the cause after the reset has occurred.
The following procedure describes how this is done
with the Motorola 68HC11. In all cases of reset, the µP
pulls RESET low for about four E-clock cycles. It then
releases RESET, waits for two E-clock cycles, then
checks RESET’s state. If RESET is still low, the µP con-
cludes that the source of the reset was external and,
when RESET eventually reaches the high state, jumps
to the normal reset vector. In this case, stored state
information is erased and processing begins from
scratch. If, on the other hand, RESET is high after the
two E-clock cycle delay, the processor knows that it
caused the reset itself and can jump to a different vec-
tor and use stored state information to determine what
caused the reset.
The problem occurs with faster µPs; two E-clock cycles
is only 500ns at 4MHz. When there are several devices
on the reset line, the input capacitance and stray
capacitance can prevent RESET from reaching the
logic-high state (0.8 x VCC) in the allowed time if only a
passive pull-up resistor is used. In this case, all resets
will be interpreted as external. The µP is guaranteed to
sink only 1.6mA, so the rise time cannot be much
reduced by decreasing the recommended 4.7k
pull-up resistance.
The MAX6314 solves this problem by including a pull-
up transistor in parallel with the recommended 4.7k
resistor (Figure 1). The pull-up resistor holds the output
high until RESET is forced low by the µP reset I/O, or by
the MAX6314 itself. Once RESET goes below 0.5V, a
comparator sets the transition edge flip-flop, indicating
that the next transition for RESET will be low to high. As
soon as RESET is released, the 4.7k
Ω resistor pulls
RESET up toward VCC. When RESET rises above 0.5V,
the active P-channel pull-up turns on for the 2µs
duration of the one-shot. The parallel combination of the
4.7k
Ω pull-up and the P-channel transistor on-
resistance quickly charges stray capacitance on the
reset line, allowing RESET to transition low to high with-
in the required two E-clock period, even with several
devices on the reset line (Figure 2). Once the one-shot
times out, the P-channel transistor turns off. This
process occurs regardless of whether the reset was
caused by VCC dipping below the reset threshold, MR
being asserted, or the µP or other device asserting
RESET. Because the MAX6314 includes the standard
4.7k
Ω pull-up resistor, no external pull-up resistor is
required. To minimize current consumption, the internal
pull-up resistor is disconnected whenever the MAX6314
asserts RESET.
Manual Reset Input
Many µP-based products require manual reset capabil-
ity, allowing the operator, a test technician, or external
logic circuitry to initiate a reset. A logic low on MR
asserts reset. Reset remains asserted while MR is low,
and for the reset active timeout period after MR returns
high. To minimize current consumption, the internal
4.7k
Ω pull-up resistor on RESET is disconnected
whenever RESET is asserted.


Similar Part No. - MAX6314US30D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US30D1-T MAXIM-MAX6314US30D1-T Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
More results

Similar Description - MAX6314US30D1-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6314US44D2 MAXIM-MAX6314US44D2 Datasheet
521Kb / 8P
   68HC11/Bidirectional-Compatible muP Reset Circuit
Rev 2; 12/05
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_08 Datasheet
349Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
IMP, Inc
IIMP1832 IMP-IIMP1832 Datasheet
109Kb / 7P
   3.3V 關P Power Suppl Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
   3.3V 關P Power Supply Monitor and Reset Circuit
logo
SG Micro Corp
SGM800 SGMICRO-SGM800_17 Datasheet
922Kb / 11P
   Low-Power, SOT 關P Reset Circuit with Capacitor-Adjustable Reset Timeout Delay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com