Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX638 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX638
Description  5V/Adjustable CMOS Step-down Switching Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX638 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX638 Datasheet HTML 1Page - Maxim Integrated Products MAX638 Datasheet HTML 2Page - Maxim Integrated Products MAX638 Datasheet HTML 3Page - Maxim Integrated Products MAX638 Datasheet HTML 4Page - Maxim Integrated Products MAX638 Datasheet HTML 5Page - Maxim Integrated Products MAX638 Datasheet HTML 6Page - Maxim Integrated Products MAX638 Datasheet HTML 7Page - Maxim Integrated Products MAX638 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image


Similar Part No. - MAX638

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
MAX638 DALLAS-MAX638 Datasheet
29Kb / 4P
   48V-to-5V DC-DC Converter Using MAX638 Switching Step-Down Regulator Borrows Power from Phone Lines
logo
Maxim Integrated Produc...
MAX6380 MAXIM-MAX6380 Datasheet
159Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 3; 12/05
MAX6380 MAXIM-MAX6380 Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6380UR33-T MAXIM-MAX6380UR33-T Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
MAX6380UR34-T MAXIM-MAX6380UR34-T Datasheet
145Kb / 7P
   3-Pin, Ultra-Low-Power SC70/SOT23 Voltage Detectors
Rev 2; 2/03
More results

Similar Description - MAX638

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1076-5 LINER-LT1076-5 Datasheet
170Kb / 4P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_1 Datasheet
112Kb / 8P
   5V Step-Down Switching Regulator
LT1076-5 LINER-LT1076-5_15 Datasheet
118Kb / 8P
   5V Step-Down Switching Regulator
logo
Semtech Corporation
SC4520 SEMTECH-SC4520 Datasheet
269Kb / 12P
   3A Step-Down Switching Regulator with Adjustable Switching Frequency
logo
Linear Technology
LT1432 LINER-LT1432 Datasheet
611Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
LT1432 LINER-LT1432_15 Datasheet
833Kb / 28P
   5V High Efficiency Step-Down Switching Regulator Controller
logo
Texas Instruments
PT6610 TI-PT6610 Datasheet
70Kb / 3P
[Old version datasheet]   9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
logo
Sanyo Semicon Device
LV5808MXZ SANYO-LV5808MXZ Datasheet
136Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
LV5808MX SANYO-LV5808MX Datasheet
137Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
LV5841M SANYO-LV5841M Datasheet
238Kb / 5P
   Bi-CMOS IC Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com