Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5269 Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME5269
Description  2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5269 Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME5269 Datasheet HTML 4Page - Analog Microelectronics AME5269 Datasheet HTML 5Page - Analog Microelectronics AME5269 Datasheet HTML 6Page - Analog Microelectronics AME5269 Datasheet HTML 7Page - Analog Microelectronics AME5269 Datasheet HTML 8Page - Analog Microelectronics AME5269 Datasheet HTML 9Page - Analog Microelectronics AME5269 Datasheet HTML 10Page - Analog Microelectronics AME5269 Datasheet HTML 11Page - Analog Microelectronics AME5269 Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AME
8
AME5269
Rev. B.01
2A, 28V, 340KHz Synchronous
Rectified Step-Down Converter
n Electrical Specifications
V
IN = 12V, TA = 25
OC, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Units
Shutdown Current
ISHDN
1
3.0
µA
Supply Current
1.3
1.5
mA
Feedback Voltage
VFB
0.9
0.925
0.95
V
OVP Threshold Voltage
1.10
V
Error Amplifier Voltage Gain
AEA
400
V/V
Error Amplifier Transconductance
GEA
800
µA/V
High-side Switch On Resistance
RDS,ON,HI
135
m
Low-side Switch On Resistance
RDS,ON,LO
105
m
Switch Leakage Current
ISW,LK
10
µA
High-side Switch Current Limit
2.4
A
Low-side Switch Current Limit
1.1
A
COMP to Current Sense
Transconductance
GCS
5.2
A/V
300
340
380
KHz
270
400
KHz
Short Circuit Oscillation Frequency
fOSC,SCR
116
KHz
Maximum Duty Cycle
DMAX
90
%
Minimum On Time
tON,MIN
220
nS
3.8
4.05
4.3
V
3.5
4.7
V
Input Undervoltage Lockout
Hysteresis
VUVLO,HYST
210
mV
Soft-Start Current Source
ISS
6
µA
Soft-Start Period
tSS
15
mS
2.2
2.5
2.7
V
2.2
2.7
V
EN Shutdown Threshold Voltage
1.1
1.56
2
V
EN Shutdown Threshold Voltage
Hysteresis
210
mV
EN Lockout Hysteresis
210
mV
Thermal Shutdown Temperature
OTP
160
OC
Thermal Shutdown Hysteresis
OTH
20
OC
Restore, temperature
decreasing
VSS = 0V
CSS = 0.1µF
-40
OC≦TA≦+85OC
Shutdown, temperature
increasing
VEN Rising
EN Lockout Threshold Voltage
VEN
TA = 25
OC
VFB = 0V
Input Undervoltage Lockout
VUVLO
VIN rising, TA = 25
OC
-40
OC≦TA≦+85OC
VFB = 0.8V
From Drain to Source
Current Limit Oscillation Frequency
fOSC,CL
TA = 25
OC
-40
OC≦TA≦+85OC
VEN = 0V, VSW = 0V
Minimum Duty Cycle
∆IC = ±10µA
Test Condition
VEN = 0V
VEN = 2.0V, VFB = 1.0V
4.75V ≦VIN≦28V


Similar Part No. - AME5269

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5268 AME-AME5268 Datasheet
203Kb / 20P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
AME5268-AZAADJ AME-AME5268-AZAADJ Datasheet
203Kb / 20P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
More results

Similar Description - AME5269

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
logo
Monolithic Power System...
MP2303 MPS-MP2303_06 Datasheet
388Kb / 14P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303 Datasheet
348Kb / 12P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP28313 MPS-MP28313 Datasheet
336Kb / 11P
   2A, 16V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1482 UTC-P1482 Datasheet
268Kb / 5P
   2A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Analog Microelectronics
AME5268 AME-AME5268 Datasheet
203Kb / 20P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
logo
Monolithic Power System...
MP2309 MPS-MP2309 Datasheet
337Kb / 10P
   1A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484 UTC-P1484 Datasheet
237Kb / 6P
   3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
Richtek Technology Corp...
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com