Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD25202W15 Datasheet(PDF) 1 Page - Texas Instruments

Part # CSD25202W15
Description  CSD25202W15 20-V P-Channel NexFET Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CSD25202W15 Datasheet(HTML) 1 Page - Texas Instruments

  CSD25202W15_15 Datasheet HTML 1Page - Texas Instruments CSD25202W15_15 Datasheet HTML 2Page - Texas Instruments CSD25202W15_15 Datasheet HTML 3Page - Texas Instruments CSD25202W15_15 Datasheet HTML 4Page - Texas Instruments CSD25202W15_15 Datasheet HTML 5Page - Texas Instruments CSD25202W15_15 Datasheet HTML 6Page - Texas Instruments CSD25202W15_15 Datasheet HTML 7Page - Texas Instruments CSD25202W15_15 Datasheet HTML 8Page - Texas Instruments CSD25202W15_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
10
14
18
22
26
30
34
38
42
46
50
0
1
2
3
4
5
6
− V
GS - Gate-to- Source Voltage (V)
TC = 25°C,I D = −2A
TC = 125°C,I D = −2A
G001
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
1
2
3
4
5
6
Qg - Gate Charge (nC)
ID = −2A
VDS = −10V
G001
Source
Gate
Drain
P0117-01
D
D
D
D
S
S
S
S
G
Pin A1 Indicator
Top View
Symbol
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD25202W15
SLPS508A – JUNE 2014 – REVISED JULY 2014
CSD25202W15 20-V P-Channel NexFET™ Power MOSFET
1 Features
Product Summary
1
Low-Resistance
TA = 25°C
TYPICAL VALUE
UNIT
Small Footprint 1.5 mm × 1.5 mm
VDS
Drain-to-Source Voltage
–20
V
Gate ESD Protection –3 kV
Qg
Gate Charge Total (–4.5 V)
5.8
nC
Qgd
Gate Charge Gate-to-Drain
0.8
nC
Pb Free
VGS = –1.8 V
40
m
RoHS Compliant
RDS(on)
Drain-to-Source On Resistance
VGS = –2.5 V
26
m
Halogen Free
VGS = –4.5 V
21
m
Gate-Source Voltage Clamp
VGS(th)
Threshold Voltage
–0.75
V
2 Applications
Ordering Information(1)
Battery Management
Device
Qty
Media
Package
Ship
Battery Protection
CSD25202W15
3000
7-Inch Reel
1.5-mm × 1.5-mm
Tape and
Wafer Level
Reel
CSD25202W15T
250
7-Inch Reel
Package
3 Description
(1) For all available packages, see the orderable addendum at
This 21 m
Ω, 20 V device is designed to deliver the
the end of the data sheet.
lowest on resistance and gate charge in a small 1.5
mm × 1.5 mm chip scale package with excellent
Text Added For Spacing
thermal characteristics in an ultra-low profile. Low on
Absolute Maximum Ratings
resistance coupled with the small footprint and low
TA = 25°C
VALUE
UNIT
profile make the device ideal for battery operated
VDS
Drain-to-Source Voltage
–20
V
space constrained applications.
VGS
Gate-to-Source Voltage
–6
V
Continuous Drain Current(1)
–4
A
ID
Pulsed Drain Current(2)
–38
A
Continuous Gate Current(1)
–0.5
A
IG
Pulsed Gate Current(2)
–7
A
PD
Power Dissipation
0.5
W
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
(1) Ball limited
(2) Typical RθJA = 220ºC/W, pulse duration ≤100 µs, duty cycle ≤
1%
RDS(on) vs VGS
Gate Charge
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD25202W15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25202W15T TI1-CSD25202W15T Datasheet
416Kb / 12P
[Old version datasheet]   20V P-Channel NexFET Power MOSFET
More results

Similar Description - CSD25202W15_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD25402Q3A TI1-CSD25402Q3A_16 Datasheet
1Mb / 15P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25402Q3A TI1-CSD25402Q3A Datasheet
1Mb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25404Q3 TI1-CSD25404Q3 Datasheet
406Kb / 13P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFET
CSD25304W1015 TI-CSD25304W1015_15 Datasheet
1Mb / 17P
[Old version datasheet]   CSD25304W1015 20-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2_18 Datasheet
779Kb / 14P
[Old version datasheet]   20 V P-Channel NexFET Power MOSFETs
CSD22205L TI1-CSD22205L Datasheet
618Kb / 11P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
CSD25310Q2 TI1-CSD25310Q2 Datasheet
760Kb / 11P
[Old version datasheet]   CSD25310Q2, 20 V P-Channel NexFET Power MOSFETs
CSD22204W TI-CSD22204W_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD22204W ?? V P-Channel NexFET Power MOSFET
CSD23203W TI1-CSD23203W Datasheet
369Kb / 12P
[Old version datasheet]   8 V P-Channel NexFET Power MOSFET
CSD22206W TI1-CSD22206W Datasheet
411Kb / 12P
[Old version datasheet]   8-V P-Channel NexFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com