Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2302PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRS2302PBF
Description  HALF-BRIDGE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2302PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRS2302PBF Datasheet HTML 2Page - International Rectifier IRS2302PBF Datasheet HTML 3Page - International Rectifier IRS2302PBF Datasheet HTML 4Page - International Rectifier IRS2302PBF Datasheet HTML 5Page - International Rectifier IRS2302PBF Datasheet HTML 6Page - International Rectifier IRS2302PBF Datasheet HTML 7Page - International Rectifier IRS2302PBF Datasheet HTML 8Page - International Rectifier IRS2302PBF Datasheet HTML 9Page - International Rectifier IRS2302PBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IRS2302S
6
www.irf.com
© 2013 International Rectifier
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIL, VIH and IIN parameters are referenced
to COM and are applicable to the respective input leads: IN and SD. The VO, IO and Ron parameters are
referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
Definition
Min
Typ
Max
Units
Test conditions
VIH
Logic ―1‖ input voltage
2.5
V
VCC = 10V to 20V
VIL
Logic ―0‖ input voltage
0.8
VOH
High level output voltage, VBIAS - VO
0.2
V
IO = 2mA
VOL
Low level output voltage, VO
0.1
VSD, TH+
SD input positive going threshold
2.5
V
Vcc = 10V to 20V
VSD, TH-
SD input negative going threshold
0.8
ILK
Offset supply leakage current
50
µA
VB = VS = 600V
IQBS
Quiescent VBS supply current
40
140
240
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
0.4
1.0
1.6
mA
IIN+
Logic ―1‖ input bias current
5
20
µA
IN = 5V, SD = 0V
IIN-
Logic ―0‖ input bias current
5
IN = 0V, SD = 5V
VCCUV+
VBSUV+
VCC and VBS supply undervoltage positive
going threshold
3.3
4.1
5
V
VCCUV-
VBSUV-
VCC and VBS supply undervoltage negative
going threshold
3
3.8
4.7
VCCUVH
VBSUVH
Hysteresis
0.05
0.3
IO+
Output high short circuit pulsed current
200
mA
VO = 0V,
PW ≤ 10µs
IO-
Output low short circuit pulsed current
350
VO = 15V,
PW ≤ 10µs
February 13, 2013


Similar Part No. - IRS2302PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2302PBF IRF-IRS2302PBF Datasheet
554Kb / 25P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2302PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com