Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2302PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRS2302PBF
Description  HALF-BRIDGE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2302PBF Datasheet(HTML) 1 Page - International Rectifier

  IRS2302PBF Datasheet HTML 1Page - International Rectifier IRS2302PBF Datasheet HTML 2Page - International Rectifier IRS2302PBF Datasheet HTML 3Page - International Rectifier IRS2302PBF Datasheet HTML 4Page - International Rectifier IRS2302PBF Datasheet HTML 5Page - International Rectifier IRS2302PBF Datasheet HTML 6Page - International Rectifier IRS2302PBF Datasheet HTML 7Page - International Rectifier IRS2302PBF Datasheet HTML 8Page - International Rectifier IRS2302PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
IRS2302S
1
www.irf.com
© 2013 International Rectifier
Features
Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage – dV/dt
immune
Gate drive supply range from 5V to 20V
Undervoltage lockout for both channels
3.3V, 5V and 15V input logic compatible
Cross-conduction prevention logic
Matched propagation delay for both channels
High side output in phase with input
Internal 450ns dead-time
Lower di/dt gate driver for better noise immunity
Shut down input turns off both channels
Leadfree, RoHS compliant
Typical Applications
Appliance motor drives
Servo drives
Micro inverter drives
General purpose three phase inverters
HALF-BRIDGE DRIVER
Product Summary
VOFFSET
600V Max
VOUT
5V – 20V
Io+ & I o- (typical)
200mA / 350mA
tON & tOFF (typical)
650ns / 200ns
Delay Matching
50ns
Package Options
8-Lead SOIC
IRS2302S
Ordering Information
Base Part Number
Package Type
Standard Pack
Complete Part Number
Form
Quantity
IRS2302S
SOIC8N
Tube/Bulk
95
IRS2302SPBF
Tape and Reel
2500
IRS2302STRPBF
February 13, 2013


Similar Part No. - IRS2302PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2302PBF IRF-IRS2302PBF Datasheet
554Kb / 25P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2302PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com