Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2330PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2330PBF
Description  3-PHASE-BRIDGE DRIVER
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2330PBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2330PBF_15 Datasheet HTML 1Page - International Rectifier IRS2330PBF_15 Datasheet HTML 2Page - International Rectifier IRS2330PBF_15 Datasheet HTML 3Page - International Rectifier IRS2330PBF_15 Datasheet HTML 4Page - International Rectifier IRS2330PBF_15 Datasheet HTML 5Page - International Rectifier IRS2330PBF_15 Datasheet HTML 6Page - International Rectifier IRS2330PBF_15 Datasheet HTML 7Page - International Rectifier IRS2330PBF_15 Datasheet HTML 8Page - International Rectifier IRS2330PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
www.irf.com
3
IRS233(0,2)(D)(S&J)PbF
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage
parameters are absolute voltages referenced to VSO. The thermal resistance and power dissipation ratings are
measured under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB1,2,3
High-side floating supply voltage
-0.3
620
VS1,2,3
High-side floating offset voltage
VB1,2,3 - 20
VB1,2,3 + 0.3
VHO1,2,3
High-side floating output Voltage
VS1,2,3 - 0.3
VB1,2,3 + 0.3
VCC
Low-side and logic fixed supply voltage
-0.3
20
VSS
Logic ground
VCC - 20
VCC + 0.3
VLO1,2,3
Low-side output voltage
-0.3
VCC + 0.3
VIN
_______ ______
Logic input voltage ( HIN1,2,3, LIN1,2,3 & ITRIP)
VSS -0.3
(VSS + 15) or
(VCC + 0.3)
Whichever is
lower
VFLT
FAULT output voltage
VSS -0.3
VCC +0.3
VCAO
Operational amplifier output voltage
VSS -0.3
VCC +0.3
VCA-
Operational amplifier inverting input voltage
VSS -0.3
VCC +0.3
V
dVS/dt
Allowable offset supply voltage transient
50
V/ns
(28 lead SOIC)
1.6
PD
Package power dissipation @ TA ≤ +25 °C
(44 lead PLCC)
2.0
W
(28 lead SOIC)
78
RthJA
Thermal resistance, junction to ambient
(44 lead PLCC)
63
°C/W
TJ
Junction temperature
150
TS
Storage temperature
-55
150
TL
Lead temperature (soldering, 10 seconds)
300
°C


Similar Part No. - IRS2330PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2330PBF IRF-IRS2330PBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
More results

Similar Description - IRS2330PBF_15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com