Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2509SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRS2509SPBF
Description  HALF-BRIDGE DRIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2509SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRS2509SPBF_15 Datasheet HTML 5Page - International Rectifier IRS2509SPBF_15 Datasheet HTML 6Page - International Rectifier IRS2509SPBF_15 Datasheet HTML 7Page - International Rectifier IRS2509SPBF_15 Datasheet HTML 8Page - International Rectifier IRS2509SPBF_15 Datasheet HTML 9Page - International Rectifier IRS2509SPBF_15 Datasheet HTML 10Page - International Rectifier IRS2509SPBF_15 Datasheet HTML 11Page - International Rectifier IRS2509SPBF_15 Datasheet HTML 12Page - International Rectifier IRS2509SPBF_15 Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.irf.com
9
IRS2509SPbF
VIH
VIL
High
Low
Low
Figure 8: HIN & LIN input thresholds
Undervoltage Lockout Protection
This family of ICs provides undervoltage lockout protection on both the VCC (logic and low-side circuitry) power supply and the VBS
(high-side circuitry) power supply. Figure 9 is used to illustrate this concept; VCC (or VBS) is plotted over time and as the waveform
crosses the UVLO threshold (VCCUV+/- or VBSUV+/-) the undervoltage protection is enabled or disabled.
Upon power-up, should the VCC voltage fail to reach the VCCUV+ threshold, the IC will not turn-on. Additionally, if the VCC voltage
decreases below the VCCUV- threshold during operation, the undervoltage lockout circuitry will recognize a fault condition and
shutdown the high- and low-side gate drive outputs, and the FAULT pin will transition to the low state to inform the controller of the
fault condition.
Upon power-up, should the VBS voltage fail to reach the VBSUV threshold, the IC will not turn-on. Additionally, if the VBS voltage
decreases below the VBSUV threshold during operation, the undervoltage lockout circuitry will recognize a fault condition, and
shutdown the high-side gate drive outputs of the IC.
The UVLO protection ensures that the IC drives the external power devices only when the gate supply voltage is sufficient to fully
enhance the power devices. Without this feature, the gates of the external power switch could be driven with a low voltage, resulting
in the power switch conducting current while the channel impedance is high; this could result in very high conduction losses within the
power device and could lead to power device failure.
Figure 9: UVLO protection
Shoot-Through Protection
The IRS2509 high-voltage IC is equipped with shoot-through protection circuitry (also known as cross-conduction prevention
circuitry).


Similar Part No. - IRS2509SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS25091SPBF IRF-IRS25091SPBF Datasheet
593Kb / 21P
   HALF-BRIDGE DRIVER
IRS25091SPBF IRF-IRS25091SPBF_15 Datasheet
593Kb / 21P
   HALF-BRIDGE DRIVER
More results

Similar Description - IRS2509SPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2308 IRF-IRS2308 Datasheet
387Kb / 21P
   HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
   HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
   HALF-BRIDGE DRIVER
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
   HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
   Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
   Half-Bridge Driver
IRS2104PBF IRF-IRS2104PBF Datasheet
665Kb / 15P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF Datasheet
1Mb / 23P
   HALF-BRIDGE DRIVER
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
   HALF-BRIDGE DRIVER
IRS21091PBF IRF-IRS21091PBF Datasheet
758Kb / 20P
   HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
   Half-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com